Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1468 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1468
Description  Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1468 Datasheet(HTML) 1 Page - 3M Electronics

  1468 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/22/02 SY/EH/LS
PomonaACCESS 90546 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d1468_1_02.doc
Page 1 of 1
Model 1468
Isolation Adapter BNC (F) To Double
Banana Plug With Solder Turret Terminals
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Permits BNC male to be used with equipment having double banana jacks.
• Provides isolation for a four-terminal network.
• Excellent for matching pad networks.
• Bright tin plated solder turret terminals for permanent noise-free connections.
MATERIALS:
Upper Conn: BNC Female
Finish: Body and Fittings – Tarnish resistant.
Nominal Impedance: 50 Ohms.
Center Contact – Gold plated per requirements of MIL-C-39012.
Insulation: Polypropylene molded to BNC Female and banana plug bodies.
Color: Black.
Marking: “1468 POMONA”
Lower Conn: Double Banana Plug
Material: Spring – Beryllium Copper per QQ-C-533, Alloy 172, Cond. HT.
Plug Body: Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Nickel Plated per QQ-N-290, Class 2, 200/300 microinches.
Terminals:
Material: Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Bright tin plated per MIL-T-10727, Type 1, 100/250 microinches.
RATINGS:
Operating Temperature: +55º C. (+131º F.) Max.
Operating Voltage: Hand-held Testing: 30VAC/60VDC Max.
Hands Free Testing in controlled Voltage Environments: 500 VRMS Max.
ORDERING INFORMATION: Model 1468


Similar Part No. - 1468

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1468 POMONA-1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
logo
List of Unclassifed Man...
1468-1 ETC2-1468-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1468-1 KEYSTONE-1468-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1468-2 ETC2-1468-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1468-2 KEYSTONE-1468-2 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
More results

Similar Description - 1468

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1330-ST POMONA-1330-ST Datasheet
33Kb / 1P
Stacking Double Banana Plug With Solder Turret Terminals
1468 POMONA-1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
2952 POMONA-2952 Datasheet
24Kb / 1P
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
3269 POMONA-3269 Datasheet
32Kb / 1P
Adapter - BNC Female To Miniature Double Banana Plug
logo
Pasternack Enterprises,...
PE9008 PASTERNACK-PE9008 Datasheet
235Kb / 2P
Double Banana Plug to 50 Ohm BNC Female Adapter
PE9009 PASTERNACK-PE9009 Datasheet
83Kb / 1P
BNC MALE TO DOUBLE BANANA PLUG
logo
Pomona Electronics
MODEL1468 POMONA-MODEL1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
MODEL3269 POMONA-MODEL3269 Datasheet
32Kb / 1P
Adapter ??BNC Female To Miniature Double Banana Plug
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
233Kb / 2P
Double Banana Plug to 50 Ohm BNC Male Adapter
logo
Amphenol Corporation
242160 AMPHENOL-242160 Datasheet
34Kb / 1P
BNC PLUG TO F PLUG ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com