Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4914 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4914
Description  Standard Banana Plug, Solderless and Stackable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4914 Datasheet(HTML) 1 Page - 3M Electronics

  4914 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xx
x = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2010
D1093787 Rev. 101
Page 1 of 1
Model 1825, 4897, 4899, 6545
Standard Banana Plug, Solderless and Stackable
Features
Designed to fit on the end of any 22 AWG to
18 AWG wire.
Cross hole wire entry fits wires up to .12”
(3mm) diameter.
Available with tarnish resistant nickel or gold
plating for very low contact resistance.
Model 4899 is rated to temperatures up to
+302°F (+150°C).
Set screw simplifies assembly of test leads
and jumpers by using a flat blade
screwdriver.
Fits standard panel and binding post banana
jacks .161” to .166” (4,0mm to 4,2mm)
diameter.
Materials
Banana Jack:
Beryllium Copper, Gold Plated
Banana Plug:
Body
– Brass, Nickel Plated (Model 4897 is Gold
Plated)
Spring
– Beryllium Copper, Nickel Plated (Model 4897 Gold Plated)
Insulation:
Polypropylene (Model 4899 is Polyphenylene Sulfide)
Set Screw:
Steel, Zinc Plated, 8-32 Single Slot
Ratings
Voltage:
For CE compliance and for personal safety, do not hold in hand when voltages exceed 33 Vrms/70 Vdc.
Maximum voltage for hands free use in controlled testing environments: 5000 Vrms Max.
Do not use on circuits where transient stresses can exceed the rated voltage.
Current:
15 Amps
Maximum Operating Temperature:
+122ºF (+50ºC) max. (Model 4899: +302ºF (+150ºC) max.)
Ordering Information
Model: 1825-color
Nickel Plated Banana with Polypropylene Insulation
Color: 0=Black, 1=Brown, 2=Red, 3=Orange, 4=Yellow, 5=Green, 6=Blue, 7=Violet, 8=Gray, 9=White,
02=set of Black and Red
Ordering example:
1825-5 (1825 with Green Polypropylene Insulation)
Model: 4897-0 Gold Plated Banana Plug with Polypropylene Black Insulation
Model: 4897-2 Gold Plated Banana Plug with Polypropylene Red Insulation
Model: 4899-0 Nickel Plated Banana with High Temperature Black Insulation (Polyphenylene Sulfide)
Model: 4899-6 Nickel Plated Banana with High Temperature Blue Insulation (Polyphenylene Sulfide)
Model: 6545 Package of ten 1825, one of each color.
Model: 4914 Replacement Set Screws, package of 100.


Similar Part No. - 4914

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4914 3M-4914 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
Rev 100
4914 3M-4914 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
4914 3M-4914 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
logo
Keystone Electronics Co...
4914 KEYSTONE-4914 Datasheet
503Kb / 1P
250 (6.4) PC QUICK-FIT MALE TABS
logo
3M Electronics
4914 3M-4914 Datasheet
533Kb / 9P
VHB™ Tape Specialty Tapes
Oct-2014
More results

Similar Description - 4914

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1325 POMONA-1325 Datasheet
76Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1825 POMONA-1825 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-2 3M-1825-2 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
Rev 100
1825-5 3M-1825-5 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
Stackable Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com