Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3273
Description  Miniature Rivet Type Banana Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3273 Datasheet(HTML) 1 Page - 3M Electronics

  3273 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90206 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3273_1_01.doc
Page 1 of
1
Model 3273
Miniature Rivet Type Banana Plug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Excellent for riveting to .062” (1,57mm) thick panels.
• Banana plug spring is gold plated Beryllium Copper for long insertion life and corrosion resistance.
• Features a solder turret for easy and secure wire attachment.
MATERIALS:
Body: Brass, Gold Plated
Spring: Beryllium Copper, Gold Plated
RATINGS:
Operating Voltage: 2500 VDC
Operating Current: 5 Amperes Max.
ORDERING INFORMATION: Model 3273
Sold in packages of 10


Similar Part No. - 3273

ManufacturerPart #DatasheetDescription
logo
Heyco.
3273 HEYCO-3273 Datasheet
120Kb / 1P
Nylon Locknuts
logo
ASM GmbH
3273-50 ASM-SENSOR-3273-50 Datasheet
1Mb / 8P
Wide-band Models from DC to 100 MHz
logo
KR Electronics, Inc.
3273-SMA KR-3273-SMA Datasheet
75Kb / 3P
1425 MHz Center Frequency
logo
PHOENIX CONTACT
3273000 PHOENIX-3273000 Datasheet
847Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 GY
Jun 2, 2022
3273002 PHOENIX-3273002 Datasheet
848Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 BU
Jun 22, 2022
More results

Similar Description - 3273

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
2944 POMONA-2944 Datasheet
28Kb / 1P
Miniature Solderless Stackup Banana Plug
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
3257 POMONA-3257 Datasheet
23Kb / 1P
Standard Rivet Type Banana Plug For 1/16??Thick Panel
3261 POMONA-3261 Datasheet
21Kb / 1P
Standard Rivet Type Banana Plug With Turret For 3/32??Thick Panel
3268 POMONA-3268 Datasheet
44Kb / 2P
Miniature Rivet Type Banana Plugs With Swaging Information
3277 POMONA-3277 Datasheet
28Kb / 1P
Miniature Rivet Type Banana Jack With Turret for 1/16??Thick Panel
3690 POMONA-3690 Datasheet
26Kb / 1P
Do-It-Yourself Solder Type Miniature Banana Plug
4653 POMONA-4653 Datasheet
22Kb / 1P
Miniature Triple Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com