Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3534 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3534
Description  Adapter BNC (Female-Male) Right Angle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3534 Datasheet(HTML) 1 Page - 3M Electronics

  3534 Datasheet HTML 1Page - 3M Electronics 3534 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/28/02 SY/EH/LS
PomonaACCESS 90191 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d3534_1_02.doc
Page 1 of 1
Model 3534
Adapter
BNC (Female-Male) Right Angle
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body: Brass, Tarnish Resistant Plating
Center Contact: Gold Plated Beryllium Copper
Outer Contact: Gold Plated Brass
Dielectric: PTFE
Finish: Body : Tarnish Resistant
Center Contact: Gold Plated
Marking: “Pomona 3534”
RATING:
Operating Voltage: Shield/Earth: 30VAC/60VDC Max.
Inner Conductor/Shield: 500VRMS Max.
Operating Temperature: -65ºC to +165ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 3534


Similar Part No. - 3534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
3534 PHILIPS-3534 Datasheet
319Kb / 2P
PHOTO ELECTRIC CELL
logo
Pomona Electronics
3534 POMONA-3534 Datasheet
24Kb / 1P
Adapter BNC (Female-Male) Right Angle
logo
List of Unclassifed Man...
3534 ETC2-3534 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Multicomp Pro
3534 MULTICOMP-3534 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
logo
Keystone Electronics Co...
3534 KEYSTONE-3534 Datasheet
694Kb / 1P
FEMALE PC QUICK-FIT TERMINALS
31-07 20th
More results

Similar Description - 3534

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3534 POMONA-3534 Datasheet
24Kb / 1P
Adapter BNC (Female-Male) Right Angle
6701 POMONA-6701 Datasheet
25Kb / 1P
BNC Male to Dual BNC Female Right-Angle Adapter
logo
Pasternack Enterprises,...
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9278 PASTERNACK-PE9278 Datasheet
241Kb / 2P
N Male to BNC Female Right Angle Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9566 PASTERNACK-PE9566 Datasheet
251Kb / 2P
N Female to BNC Male Right Angle Adapter
PE9758 PASTERNACK-PE9758 Datasheet
241Kb / 2P
BNC Male to BNC Male Right Angle Adapter
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com