Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3548 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3548
Description  Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3548 Datasheet(HTML) 1 Page - 3M Electronics

  3548 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90578 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3548_1_01.doc
Page 1 of
1
Model 3548
Miniature Banana Jack To Solderless Pin
Tip Plug With Safety Collar
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• This integral collar insulates exposed wire leads and acts as a strain relief by preventing the flexing of the lead at
the set screw.
• Wire firmly held in place with internal set screw.
MATERIALS:
Upper Conn.: Miniature Banana Jack
Material: Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074, Class 1,
200 to 300 micro-inches.
Insulation: ABS molded to Banana Jack and Pin Tip Plug.
Marking: “POMONA ELECTRONICS, 3548”.
Lower Conn: Pin Tip Plug
Material: Same as Upper Conn.
Finish: Same as Upper Conn.
Cross Hole: 2.08 (.082) dia. with #3-56 slotted set screw to secure wire lead.
RATINGS:
Operating Temperature: +50
°C. (+122°F.) Max.
Operating Voltage: 3000 VDC
Current: 5 Amperes Cont.
ORDERING INFORMATION: Model 3548-*
*=Color, -0 Black –2 Red, Ordering Example: 3548-2 Color is Red


Similar Part No. - 3548

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3548 POMONA-3548 Datasheet
24Kb / 1P
Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
logo
Bourns Electronic Solut...
3548 BOURNS-3548 Datasheet
414Kb / 4P
5-Turn Precision Potentiometer
logo
ASM GmbH
3548 ASM-SENSOR-3548 Datasheet
3Mb / 12P
Benutzerfreundlich. Exzellente Genauigkeit
logo
Heyco.
3548 HEYCO-3548 Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3548 HEYCO-3548 Datasheet
134Kb / 1P
Nylon Liquid Tight Threaded Plugs
More results

Similar Description - 3548

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
1809 POMONA-1809 Datasheet
25Kb / 1P
Pin Jack To Banana Plug
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
2944 POMONA-2944 Datasheet
28Kb / 1P
Miniature Solderless Stackup Banana Plug
2945 POMONA-2945 Datasheet
34Kb / 1P
Miniature Solderless Stackup Banana Plug With Safety Collar
3548 POMONA-3548 Datasheet
24Kb / 1P
Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com