Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4391 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4391
Description  BNC Resistor Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4391 Datasheet(HTML) 1 Page - 3M Electronics

  4391 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 4391
BNC Resistor Attenuator
USA: Sales: 800-490-2361
Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
Rev: 100
D1094169
Page 1 of 1
FEATURES:
•
Use to add series resistance to coaxial lines
with BNC connectors.
MATERIAL:
Body and Fittings: Brass, Alloy 360, ½ Hard
Center Contact: Male – Brass, Alloy 360, ½ Hard
Female – Beryllium Copper per
ASTM B196 and B197 Cond. HT
Outer Contact: Beryllium Copper, per ASTM B196
and B197 Cond. HT
Dielectric: Teflon per ASTM D1457
Gasket/Seals: Silicone rubber per ZZ-R-765, Class
11, Grade 50
Resistor: Non-inductive film resistor
Finish: Body and Fittings: Tarnish resistant
Center Contact: Male – Gold plated
Outer Contact: Tarnish resistant
Marking: “Pomona 4391-50 2W”
“50 Ohm Attenuator”
RATINGS:
Operating Temperature: +102º C (+216º F) Max.
Frequency Range: DC to 500 MHz
Resistance Tolerance ±1%
Power: 2W @ 25º C Max.
ORDERING INFORMATION: Model 4391
See table above.


Similar Part No. - 4391

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4391 POMONA-4391 Datasheet
144Kb / 1P
BNC Resistor Attenuator
logo
Sensata Technologies, I...
4391 SENSATA-4391 Datasheet
189Kb / 4P
-65°F to 450°F Hermetically Sealed
Rev:10/05/18
logo
Molex Electronics Ltd.
43914 MOLEX-43914 Datasheet
158Kb / 2P
10.00mm (.393") Pitch Mini-Fit, Sr.?
43914-1101 MOLEX11-43914-1101 Datasheet
37Kb / 1P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Dual Row, 6 Circuits
43914-1102 MOLEX11-43914-1102 Datasheet
37Kb / 1P
10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Dual Row, 8 Circuits
More results

Similar Description - 4391

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4108 POMONA-4108 Datasheet
57Kb / 1P
BNC 50 Ohm Attenuator & Kit
4391 POMONA-4391 Datasheet
144Kb / 1P
BNC Resistor Attenuator
logo
Pasternack Enterprises,...
PE6000-50 PASTERNACK-PE6000-50 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6000-93 PASTERNACK-PE6000-93 Datasheet
77Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6027-50 PASTERNACK-PE6027-50 Datasheet
81Kb / 1P
BNC FEMALE RESISTOR TERMINATION
PE6000-75 PASTERNACK-PE6000-75 Datasheet
76Kb / 1P
BNC MALE RESISTOR TERMINATION
PE6027-75 PASTERNACK-PE6027-75 Datasheet
76Kb / 1P
BNC FEMALE RESISTOR TERMINATION
logo
Rosenberger Hochfrequen...
51AS103-K06N4 ROSENBERGER-51AS103-K06N4 Datasheet
189Kb / 2P
BNC ATTENUATOR
51AS103-K10N4 ROSENBERGER-51AS103-K10N4 Datasheet
189Kb / 2P
BNC ATTENUATOR
51AS103-K30N4 ROSENBERGER-51AS103-K30N4 Datasheet
189Kb / 2P
BNC ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com