Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5108 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5108
Description  DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5108 Datasheet(HTML) 1 Page - 3M Electronics

  5108 Datasheet HTML 1Page - 3M Electronics 5108 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
4/16/02
PomonaACCESS 90220 (800) 444-6785 or (949) 253-3858
SY/EH/LS
More drawings available at www.pomonaelectronics.com
T:\Release\DataSheets\FlukeDataSheet\FlukeDataSheet\Dip_Clips_4386_2_01.doc
Page 1 of
2
DIP Clips® for 8-14-16-20-24-40 Pin Clips
And 8 Through 40 Pin DIP Removers
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
Pomona DIP Clip® test clips are designed for
testing dual-in-line IC packages on PC boards. These
devices incorporate many built-in features that assure
a positive electrical connection as well as hands free
testing.
• Contacts (.040" wide on lower end) are serrated
for the best electrical contact.
• .025" X .028" serrated test points on upper end
will accept wire wraps or mini test clips.
• Molded barriers between contacts allows live
board connections without accidental shorting of
contacts.
• Can also be used as an insertion tool for DIPs.
• Contacts are spring tempered Nickel Silver or Gold Plated Beryllium Copper alloy. Oxide penetrating clips have a
roughened stainless steel surface treatment.
• Open back option allows probing on the chip leads while clip is attached.
Pomona's DIP Clip® test clips are perfect for emulation, field service, failure analysis, and for use with logic analyzers.
Size
Pins
Clip Width Standard
DIP Clip®
Open Back
DIP Clip®
Contact Material and
Plating
Oxide Penetrating
DIP Clip®
Static Control
DIP Remover
8
.43
5108
5208
Be-Cu, Gold Plate
5649
5016
5014
5114
Nickel Silver
5650
5016
14
.72
5214
5314
Be-Cu, Gold Plate
5650
5016
3916A
4236A
Nickel Silver
5692
5016
16
.83
5116
5216
Be-Cu, Gold Plate
5692
5016
20
1.03
5120
5220
Be-Cu, Gold Plate
5693
5016
4124A
4324A
Nickel Silver
5694
5024
24
1.22
5124
5224
Be-Cu, Gold Plate
5694
5024
4140A
4340A
Nickel Silver
5695
5040
40
2.02
5140
5240
Be-Cu, Gold Plate
5695
5040


Similar Part No. - 5108

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5108 POMONA-5108 Datasheet
139Kb / 1P
Pin Clips
logo
Molex Electronics Ltd.
51089-1005 MOLEX7-51089-1005 Datasheet
103Kb / 2P
2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Dual Row, 10 Circuits
51089-1205 MOLEX7-51089-1205 Datasheet
103Kb / 2P
2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Dual Row, 12Circuits
51089-1405 MOLEX7-51089-1405 Datasheet
103Kb / 2P
2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Dual Row, 14Circuits
51089-1605 MOLEX7-51089-1605 Datasheet
104Kb / 2P
2.00mm (.079") Pitch Mi II??System Wire-to-Board Crimp Housing, Dual Row, 16Circuits
More results

Similar Description - 5108

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
A61 CONNOR-WINFIELD-A61 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
E82-510 CONNOR-WINFIELD-E82-510 Datasheet
85Kb / 2P
8 PIN DIP ECL
EH81-510 CONNOR-WINFIELD-EH81-510 Datasheet
85Kb / 2P
8 PIN DIP ECL
S51R CONNOR-WINFIELD-S51R Datasheet
59Kb / 1P
8 PIN DIP HCMOS
H42 CONNOR-WINFIELD-H42 Datasheet
52Kb / 1P
8 PIN DIP HCMOS
H73 CONNOR-WINFIELD-H73 Datasheet
32Kb / 1P
8 PIN DIP HCMOS
S51 CONNOR-WINFIELD-S51 Datasheet
55Kb / 1P
8 PIN DIP HCMOS
V61-200 CONNOR-WINFIELD-V61-200 Datasheet
72Kb / 1P
8 PIN DIP VCXO
logo
Crystek Corporation
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
8 & 14 Pin Dip, 3.3V, HCMOS
logo
Microchip Technology
AC163021 MICROCHIP-AC163021 Datasheet
455Kb / 2P
8-pin DIP pin 1
6/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com