Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19702CX6-RFG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19702CX6-RFG
Description  High Power Factor Corrector LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19702CX6-RFG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19702CX6-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19702CX6-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS19702
High Power Factor Corrector LED Driver
5/9
Version: A12
Application Information (Continue)
OCP (Over Current Protection)
The TS19702 has an over current protection function on CS pin. An internal circuit detects the current level, when
the current is larger than a threshold level, the gate output will keep on low level. Then VCC decreases below
UVLO off level, the controller resets again.
OVP (Over Voltage Protection) on VCC
To prevent the LED driver from being damaged, the TS19702 is implemented an OVP function on VCC. When the
VCC voltage is higher than the OVP threshold voltage 28V, the output gate driver circuit will be shut down
immediately to stop the switching of power MOSFET. The VCC pin OVP function is an auto recovery type
protection (latch off type optional). If the OVP condition happens, the pulses will be stopped and never recovery
unless the VCC pin voltage is down to the UVLO off level. The TS19702 is working in an auto-recovery mode as
shown in below figure
Gate Clamp/Soft Driving
Driver is clamped to 15V by an internal clamping circuit. Those damages usually come from undesired over-voltage
gate signals. Under the conditions listed below, the gate output will turn off immediately to protect the power circuit.
The TS19702 also has soft driving function to minimize EMI.
Over Temperature Protection/Dimming Function
The typical application for DIM pin is shown in above Fig. The NTC thermistor is setting as an external OTP
protection. In the DIM pin, there is one comparator for latch-off mode protection. While the voltage on this pin is
lower than 0.3V, the TS19702 will shut down. When the voltage is in the range of 0.3 to 3.0V, the TS19702 is
operating on the linear dimming range. While the voltage is higher than 3.0V, the TS19702 is operating on the
normal status. It also could let this Pin open when the function is not required for the user.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com