Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC741 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC741
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC741 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC741 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC741 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSC741
High Voltage Fast-Switching
NPN Power Transistor
2/4
Version: B13
Electrical Specifications (TA = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =0.5mA
BVCBO
1050
--
--
V
Collector-Emitter Breakdown Voltage
IC =5mA
BVCEO
450
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA
BVEBO
15
--
--
V
Collector Cutoff Current
VCE =400V, IB=0
ICEO
--
10
250
uA
Collector Cutoff Current
VCB =950V, IE =0
ICBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC=0.7A, IB =0.14A
VCE(SAT)1
---
--
0.5
V
Collector-Emitter Saturation Voltage
IC=2A, IB =0.6A
VCE(SAT)2
---
1.5
2.0
V
Base-Emitter Saturation Voltage
IC=2A, IB =0.6A
VBE(SAT)1
--
1.0
1.5
V
DC Current Gain
VCE =5V, IC =100mA
hFE1
50
70
100
VCE =3V, IC =500mA
hFE2
18
24
50
Resistive Load Switching Time (Ratings)
Rise Time
VCC =5V, IC =0.5A,
tr
--
--
1
uS
Storage Time
tSTG
2.5
3
3.5
uS
Fall Time
tf
--
--
1.2
uS
Notes: Pulsed duration =380uS, duty cycle ≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com