Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5250 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5250
Description  Chip Lead Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5250 Datasheet(HTML) 1 Page - 3M Electronics

  5250 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
7/1/02
PomonaACCESS 90320 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5250-54_5437_1_01.doc
Page 1 of
1
Model 5250, 5251, 5252, 5253, 5254 & 5437
Chip Lead Spacing: 0.050” (1,27)
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
These
new
test
clips
are
designed
especially for in-circuit testing on Small
Outline Integrated Circuits (SOIC & SOJ).
The SOIC Clip test clip assures a positive
connection to all chip leads and provides
hands-free testing.
• Upper contacts are .025" sq. pins,
spaced at .100". Pins are perfect for
sq.
pin
receptacles,
wire-wrap or
jumper leads.
• Gold plated lower contacts assure
reliable, noise free connections.
• Molded barriers between each contact
allow connections to be made on live
boards without accidental shorting to
adjacent chip leads.
Fits surface mounted SOIC and SOJ chips
with gull wing or “J” leads and body width
from .150" to .350" wide.
Model 5514 is a kit of eight SOIC Test Clips, from 8 through 28 pins.
Model
Number
No. of
Pins
Width
"A"
Width
"B"
Model
Number
No. of
Pins
Width
"A"
Width
"B"
5250
8
.430
(10,92)
.260
(6,6)
5253
20
1.030
(26,16)
.560
(14,22)
5251
14
.755
(19,18)
.410
(10,41)
5254
24
1.230
(31,24)
.660
(16,76)
5252
16
.830
(21,08)
.460
(11,68)
5437
28
1.430
(36,32)
.760
(19,3)


Similar Part No. - 5250

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
5250 MALLORY-5250 Datasheet
131Kb / 4P
ELECTRIC FUEL PUMP
logo
Pomona Electronics
5250 POMONA-5250 Datasheet
25Kb / 1P
Chip Lead Spacing
logo
List of Unclassifed Man...
5250 ETC2-5250 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5250 KEYSTONE-5250 Datasheet
427Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Adafruit Industries
5250 ADAFRUIT-5250 Datasheet
223Kb / 1P
128MB micro SD Memory Card
3-18-24
More results

Similar Description - 5250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK95F202V ETC1-TK95F202V Datasheet
119Kb / 1P
INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
logo
Pomona Electronics
5250 POMONA-5250 Datasheet
25Kb / 1P
Chip Lead Spacing
logo
Yamaichi Electronics Co...
IC51-0204-602 YAMAICHI-IC51-0204-602 Datasheet
128Kb / 3P
Plastic Lead Chip Carrier (PLCC)
IC120-0184-002 YAMAICHI-IC120-0184-002 Datasheet
367Kb / 4P
Plastic Lead Chip Carrier (PLCC)
logo
YAGEO Corporation
RC0100DR-0797R6P YAGEO-RC0100DR-0797R6P Datasheet
676Kb / 8P
LEAD FREE CHIP RESISTORS
logo
TAI-TECH Advanced Elect...
MB31 TAI-TECH-MB31 Datasheet
83Kb / 2P
Ferrite Chip Bead(Lead Free)
MB18 TAI-TECH-MB18 Datasheet
84Kb / 2P
Ferrite Chip Bead(Lead Free)
MB15 TAI-TECH-MB15 Datasheet
130Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM1608 TAI-TECH-FCM1608 Datasheet
123Kb / 4P
Ferrite Chip Bead(Lead Free)
MCI21 TAI-TECH-MCI21 Datasheet
79Kb / 3P
Ferrite Chip Inductor(Lead Free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com