Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5649 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5649
Description  DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5649 Datasheet(HTML) 2 Page - 3M Electronics

  5649 Datasheet HTML 1Page - 3M Electronics 5649 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
4/16/02
PomonaACCESS 90220 (800) 444-6785 or (949) 253-3858
SY/EH/LS
More drawings available at www.pomonaelectronics.com
T:\Release\DataSheets\FlukeDataSheet\FlukeDataSheet\Dip_Clips_4386_2_01.doc
Page 2 of
2
DIP Clips® for 8-14-16-20-24-40 Pin Clips
And 8 Through 40 Pin DIP Removers
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
FEATURES:
• For use with 14 or 16 Dual-In-Line I.C. packages.
MATERIALS:
Insulation: Glass filled nylon. Color: Red.
Hinge Pin: Stainless steel 302, passivated per QQ-P-35.
RATINGS:
Operating Temperature: +102°C. (+216°F.) Max.
ORDERING INFORMATION: Model 4386



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com