Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5280 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5280
Description  Model 5515A PLCC Test Adapters Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5280 Datasheet(HTML) 1 Page - 3M Electronics

  5280 Datasheet HTML 1Page - 3M Electronics 5280 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5515A PLCC Test Adapters Kit
Model 5279, 5280, 5733, 5281, 5312, 5401, 5402
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev:100
D1094335, D1094408, D1094409, D1094629
D1094410, D1094370, D1094382, D1094383
Page 1 of 2
FEATURES:
Test adapters are designed for testing surface
mounted PLCC chips with "J" leads (JEDEC MO-
047 and MO-052).
The patented lock-on design attaches directly to the
surface mounted
IC and provides hands-free access to all of the chip
leads.
Gold plated upper contacts assure noise free, low
resistance connections.
Standard .025 square pins accept wire-wrap, .025 sq.
receptacle or soldered wires.
Pins are staggered to use the least space
Gold plated lower contacts assure the best connection
to chip leads.
ORDERING INFORMATION: (single PLCC clip)
Model
Number
No. of Pins
Pins per
Side
Space Required "B"
Board Footprint "A"
5279
20
5x5
.675" (17,14mm)
0.560" (14,23mm)
5280
28
7x7
.775" (19,68mm)
0.665" (16,89mm)
5733
32
7x9
.775"x.875" (19,68mm x 22,22mm)
.665" x .765" (16,89mm x 19,43mm)
5281
44
11x11
975" (24,77mm)
0.865" (21,97mm)
5312
52
13x13
1.075" (27,31mm)
0.965" (24,51mm)
5401
68
17x17
1.275" (32.39mm)
1.180" (29,97mm)
5402
84
21x21
1.520" (38,60mm)
1.350" (34,29mm)


Similar Part No. - 5280

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5280 POMONA-5280 Datasheet
102Kb / 2P
PLCC Test Adapters Kit
logo
Molex Electronics Ltd.
52806 MOLEX-52806 Datasheet
26Kb / 2P
FFC-FPC (Through-Hole)
10/08/2018
52806 MOLEX-52806 Datasheet
26Kb / 2P
FFC-FPC (Through-Hole)
10/08/2018
52806-0310 MOLEX5-52806-0310 Datasheet
131Kb / 2P
1.0 FFC CONN. NON Z.I.F DIP ST
52806-0410 MOLEX5-52806-0410 Datasheet
131Kb / 2P
1.0 FFC CONN. NON Z.I.F DIP ST
More results

Similar Description - 5280

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5292 POMONA-5292 Datasheet
71Kb / 1P
Shielded Test Lead Kit
5515A POMONA-5515A Datasheet
102Kb / 2P
PLCC Test Adapters Kit
6172A POMONA-6172A Datasheet
193Kb / 2P
Industrial Test Companion Kit
6174 POMONA-6174 Datasheet
76Kb / 1P
Electronic Test Companion Kit
logo
Agilent(Hewlett-Packard...
E2625A HP-E2625A Datasheet
431Kb / 8P
Communication Mask Test Kit
logo
Extech Instruments Corp...
TK430 EXTECH-TK430_15 Datasheet
547Kb / 1P
Electrical Test Kit
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
Professional Test Lead Kit
logo
Aries Electronics, Inc.
10010 ARIES-10010 Datasheet
1Mb / 2P
Universal PLCC ZIF Test Socket
10012 ARIES-10012 Datasheet
529Kb / 1P
Universal PLCC ZIF Test Socket
logo
NTE Electronics
72-073 NTE-72-073 Datasheet
174Kb / 3P
Automotive Test Lead Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com