Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5285 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5285
Description  Model 5285 and Assembly Instructions Cable Plug, BNC Male, Crimp On R658C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5285 Datasheet(HTML) 1 Page - 3M Electronics

  5285 Datasheet HTML 1Page - 3M Electronics 5285 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/21/02 SY/EH/LS
PomonaACCESS 90117 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d_AI_5285_2_02.doc
Page 1 of 2
Model 5285 & Assembly Instructions
Cable Plug, BNC Male, Crimp On R658C
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
Connector accepts types 58, 58C, 58A, 141, 141A
MATERIALS:
Body and fittings - Brass
Center Contact - Brass
Outer Contact – Beryllium Copper
Gasket – Silicone rubber
Dielectric – Teflon
Finish: Body and Fittings – Tarnish Resistant
Center Contact – Gold plated
Outer contact – Tarnish Resistant
Marking: “POMONA ELECT. 5285” located approximately as shown.
RATINGS:
Operating Voltage: 500 VRMS Max.
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 5285


Similar Part No. - 5285

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5285 POMONA-5285 Datasheet
42Kb / 2P
Assembly Instructions
logo
Carclo Technical Plasti...
5285 COIL-5285 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Tyco Electronics
528508-2 MACOM-528508-2 Datasheet
876Kb / 26P
Die Betriebsanleitung muss st채ndig an dem Werkzeug verf체gbar sein.
logo
Molex Electronics Ltd.
52852-0470 MOLEX7-52852-0470 Datasheet
557Kb / 9P
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, BottomContact Style Receptacle, 4 Circuits, Lead-free
52852-0570 MOLEX7-52852-0570 Datasheet
557Kb / 9P
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, BottomContact Style Receptacle, 5 Circuits, Lead-free
More results

Similar Description - 5285

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2249 POMONA-2249 Datasheet
264Kb / 2P
Cable Assembly with BNC Male on Each End
3600 POMONA-3600 Datasheet
33Kb / 3P
Assembly Instructions Triaxial Cable Plug
logo
List of Unclassifed Man...
JBX ETC2-JBX Datasheet
219Kb / 6P
JBX PLUG ASSEMBLY INSTRUCTIONS
logo
Pasternack Enterprises,...
PE34166 PASTERNACK-PE34166 Datasheet
265Kb / 1P
CABLE ASSEMBLY PE-SR401FL BNC MALE TO BNC MALE TO BNC MALE
logo
3M Electronics
5056 3M-5056 Datasheet
81Kb / 2P
Model 5056 and Assembly Instructions Triaxial Male 2 Lug Connector to Cable
23-Jul-2002
5344 3M-5344 Datasheet
34Kb / 2P
Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
09-Jun-1999
logo
List of Unclassifed Man...
115101-19-06.00 ETC2-115101-19-06.00 Datasheet
213Kb / 1P
BNC CRIMP PLUG TO BNC CRIMP PLUG
logo
Pasternack Enterprises,...
PE3807 PASTERNACK-PE3807 Datasheet
107Kb / 1P
CABLE ASSEMBLY BNC MALE TO BNC MALE
PE35148 PASTERNACK-PE35148 Datasheet
93Kb / 1P
CABLE ASSEMBLY, RG141A, BNC MALE TO BNC MALE
PE3999 PASTERNACK-PE3999 Datasheet
99Kb / 1P
CABLE ASSEMBLY BNC MALE TO BNC MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com