Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5312 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5312
Description  Model 5515A PLCC Test Adapters Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5312 Datasheet(HTML) 2 Page - 3M Electronics

  5312 Datasheet HTML 1Page - 3M Electronics 5312 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5515A PLCC Test Adapters Kit
Model 5279, 5280, 5733, 5281, 5312, 5401, 5402
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev:100
D1094335, D1094408, D1094409, D1094629
D1094410, D1094370, D1094382, D1094383
Page 2 of 2
5515A PLCC Test Clip Kit
Kit includes:
1 each of the following PLCC test clips:
5279 (20 pins)
5280 (28 pins)
5733 (32 pins)
5281 (44 pins)
5312 (52 pins)
5401 (68 pins)
5402 (84 pins)
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 500 Vrms maximum. For CE compliance: not
intended for hand-held use at voltages above 33 Vrms/70 Vdc.
Current: 1 Amperes
Operating Temperature: +215°F (+102°C)
MATERIALS:
Lower Contacts: Gold Plated Beryllium Copper per QQ-C-533, Alloy 172, HM.
Upper Contacts: Gold Plated Phosphor Bronze, Alloy 510, Grade A
Body: Gray, glass-filled nylon
ORDERING INFORMATION: Model 5515A (PLCC kit)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com