Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5344 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5344
Description  Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5344 Datasheet(HTML) 1 Page - 3M Electronics

  5344 Datasheet HTML 1Page - 3M Electronics 5344 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90120
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d_AI_5344_2_01.doc
Page 1 of
2
Model 5344 & Assembly Instructions
BNC (Female) Crimp Style Coaxial
Connector For Use W/RG58, RG58A,
RG58C, RG141 & RG141A
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body: Brass, Tarnish Resistant Plating
Center Contact: Gold Plated Beryllium Copper
Dielectric: PTFE
Cable Group Compatibility: RG/U: 58, 58A, 58C, 141 and 141A
Connector meets the interface requirements of MIL-STD-348
RATINGS:
Operating Voltage: 500 VRMS Max.
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 5344


Similar Part No. - 5344

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5344 POMONA-5344 Datasheet
28Kb / 2P
Assembly Instructions
logo
Molex Electronics Ltd.
53440-1270 MOLEX7-53440-1270 Datasheet
279Kb / 5P
1.60mm (.063") Pitch Board-to-Board Plug, Right Angle, Detachable, Lead-free
logo
Walther-Werke
534402 WALTHER-534402 Datasheet
437Kb / 4P
Channel installation sockets IP 44
534404 WALTHER-534404 Datasheet
437Kb / 4P
Channel installation sockets IP 44
534406 WALTHER-534406 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 5344

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4488 POMONA-4488 Datasheet
80Kb / 3P
Compression Style Connector & Assembly Instructions
logo
3M Electronics
4488 3M-4488 Datasheet
80Kb / 3P
Compression Style Connector and Assembly Instructions
Rev 100
5285 3M-5285 Datasheet
48Kb / 2P
Model 5285 and Assembly Instructions Cable Plug, BNC Male, Crimp On R658C
21-May-2002
logo
Pomona Electronics
6384-2 POMONA-6384-2 Datasheet
36Kb / 4P
Model 6384 Assembly Instructions Banana Jack, User Installed
logo
Adam Technologies, Inc.
RF1-04-T-02-50 ADAM-TECH-RF1-04-T-02-50 Datasheet
111Kb / 1P
FEMALE BNC CRIMP
logo
Pasternack Enterprises,...
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
logo
Huber+Suhner, Inc.
53_BNC-50-0-1133_N HUBERSUHNER-53_BNC-50-0-1133_N Datasheet
483Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, L-style, plug / jack (male / female)
46_BNC-50-0-1133_N HUBERSUHNER-46_BNC-50-0-1133_N Datasheet
501Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, T-style, 3 jacks (female)
46_BNC-75-0-1133_N HUBERSUHNER-46_BNC-75-0-1133_N Datasheet
502Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, T-style, 3 jacks (female)
53_BNC-75-0-1133_N HUBERSUHNER-53_BNC-75-0-1133_N Datasheet
482Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, L-style, plug / jack (male / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com