Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1250 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC1250
Description  Zentrum f체r L철t- und Entl철tsysteme
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC1250 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1250 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1250 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
('6<1 *0%+ (8523$
Zentrum für Löt- und Entlötsysteme
EDSYN GMBH EUROPA, Postfach 1169, D-97888 Kreuzwertheim
27. Oktober 2011
EDSYN GMBH EUROPA
• D-97892 Kreuzwertheim • Finkenweg 2 •
(09342) 6413
(09342) 6417
Inhalation of toxic fumes.
Wear a self-contained breathing apparatus.
Refer to the protection measures listed in sections 7 & 8.
Collect the product.
Not relevant due to the massive form of the product.
Set up a dust, fumes or vapour collection system at the point of emission.
Use closed or hood covered systems for thermal operation.
Avoid the possibility of contact with acids.
Recyclable
Respiratory mask with cartridges in case of punctual intervention.
Appropriate gloves.
Safety glasses or facial shield (if ejection’s may occur).
Appropriate protective clothing.
Strict hygiene requirements will be prescribed at the workplace.
Wires
Not applicable
7.3 Kg/dm³ at 20°C
227°C
80 to 100°C
Not concerned
Insoluble in water
Soluble in acetic acid in nitric acid, in hot concentrated sulphuric acid.
The product is stable in normal conditions.
Mechanical and thermal operations giving risk to dusts or fumes without
appropriate ventilation.
Not applicable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com