Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5701 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5701
Description  Terminal Strip Banana Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5701 Datasheet(HTML) 1 Page - 3M Electronics

  5701 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5699, 5700 & 5701
Terminal Strip Banana Jack
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094624, D1094625, D1094626
Page 1 of 1
FEATURES:
This adapter provides a banana jack connection by replacing the screw in a terminal strip.
Secure connections can be made with standard banana plug patch cords without breaking the connection
to the terminal strip.
Standard banana jack .166” and 4mm.
Model
Dim "A"
Dim "B"
Dim "C"
Dim "D"
Thread
Torque
In/Lb
Vrms
Max
5699
.35” min (8,89mm)
1.04” (26,42mm)
.28” (7,11mm)
.25” (6,35mm)
6-32
7
1100
5700
.44” min (11,18mm)
1.13” (28,70mm)
.38 (9,65mm)
.32” (8,13mm)
8-32
16
1600
5701
.50” min (12,70mm)
1.13” (28,70mm)
.38 (9,65mm)
.32” (8,13mm)
10-32
25
1700
RATINGS:
Operating Voltage see table:
Hands free usage in controlled voltage environments. For CE compliance: not intended for hand-held use at voltages
above 33 Vrms/70 Vdc.
Current: 25Amps Max
Power: 7500 Watts Max
Operating Temperature: +216°F (+102°C) Max.
MATERIALS:
Banana Jack and Threaded Stud: Nickel Plated Brass, Alloy 360, ½ Hard per MIL-C-26074, Class 1 200/300 microinches:
Insulation : Nylon 6, 20% glass filled
ORDERING INFORMATION:
Model: 5699-Color (6-32 thread)
Model: 5700-Color (8-32 thread)
Model: 5701-Color (10-32 thread)
Color = 0 (Black), 2 (Red), 3 (Orange), 4 (Yellow), 5 (Green), 6 (Blue), 9 (White)


Similar Part No. - 5701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5701 ETC1-5701 Datasheet
48Kb / 1P
4700
logo
Pomona Electronics
5701 POMONA-5701 Datasheet
36Kb / 1P
Terminal Strip Banana Jack
logo
Knowles Electronics
5701 KNOWLES-5701 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Adafruit Industries
5701 ADAFRUIT-5701 Datasheet
154Kb / 2P
8MM 12 MP PORTRAIT LENS FOR M12 HIGH-QUALITY CAMERA
logo
Bourns Electronic Solut...
5701-RC BOURNS-5701-RC Datasheet
474Kb / 1P
High Current Toroid Inductors
More results

Similar Description - 5701

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5531 POMONA-5531 Datasheet
16Kb / 1P
Ring Terminal With Banana Jack
4005 POMONA-4005 Datasheet
22Kb / 1P
Insulated Banana Jack With Wire Wrapped Terminal
4022 POMONA-4022 Datasheet
26Kb / 1P
Insulated Banana Jack, Miniature With Wire Wrap Terminal
5699 POMONA-5699 Datasheet
36Kb / 1P
Terminal Strip Banana Jack
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
Insulated Banana Jack
BU-P2142-0 ETC2-BU-P2142-0 Datasheet
185Kb / 1P
Mini Banana Jack
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Adam Technologies, Inc.
BJ-001-XX ADAM-TECH-BJ-001-XX Datasheet
57Kb / 1P
2.0 BANANA JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com