Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6304 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6304
Description  Modular Probe Banana Tip For Hand Held DMM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6304 Datasheet(HTML) 1 Page - 3M Electronics

  6304 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90682 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d6304_1_01.doc
Page 1 of
1
Model 6304
Modular Probe Banana Tip
For Hand Held DMM
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Fits Fluke, H-P, Tekronix, Wavetek and Amprobe DMM’s with sheathed style safety jacks.
• Flexible test leads feature high strand count silcone wire for extreme flexibiliy and high temperature. resistance.
Banana plugs are double crimped to the wire and the plugs are molded directly to the wire for added pull
strength.
.
MATERIALS:
Probe: Insulation – Nylon 6, Fire Retardant, UL94 V-O Rated, Color: One Black, One Red
Banana Spring Probe Tip – Brass, Nickel Plated Body, Beryllium Copper Spring, Probe Cap-Nylon 6
Test Leads (Male to Male) – Multi-Stranded Wire: 18 AWG Silicone, Color: One Black, One Red
Banana Plug: Insulation: PVC, UL94 V-O, Color: One Black, One Red
RATINGS:
Conforms to IEC 1010, Cat. III, P2
Operating Voltage: 1000 VRMS/DC (Medium Alligator: 300 VRMS/DC)
Current: 10 Amperes (Medium Alligator: 5 Amps)
ORDERING INFORMATION: Model 6304 Contains set of one black and one red modular probe and test lead.


Similar Part No. - 6304

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6304 POMONA-6304 Datasheet
26Kb / 1P
Modular Probe Banana Tip For Hand Held DMM
logo
Heyco.
6304 HEYCO-6304 Datasheet
210Kb / 1P
Male/Female Combination Terminals - 27 Gauge
logo
Bourns Electronic Solut...
6304-RC BOURNS-6304-RC Datasheet
426Kb / 1P
Varnished Chokes
logo
Belden Inc.
6304FE BELDEN-6304FE Datasheet
195Kb / 2P
Security & Sound, #18-6c, BC, Shielded, CMP
05-11-2023
6304FE-0071000 BELDEN-6304FE-0071000 Datasheet
195Kb / 2P
Security & Sound, #18-6c, BC, Shielded, CMP
05-11-2023
More results

Similar Description - 6304

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5325A POMONA-5325A Datasheet
28Kb / 2P
DMM Test Probe To Multi-Stacking Banana Plug Kit
5689A POMONA-5689A Datasheet
49Kb / 1P
Replaceable Tip Test Probe With Banana Jack
5906A POMONA-5906A Datasheet
22Kb / 1P
Modular Test Probe Handle With Banana Plug Tip
5950 POMONA-5950 Datasheet
20Kb / 1P
Replacement Tip Probe To Banana Plug Set
6304 POMONA-6304 Datasheet
26Kb / 1P
Modular Probe Banana Tip For Hand Held DMM
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com