Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6473 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6473
Description  Test Probe Set with Replaceable Tips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6473 Datasheet(HTML) 1 Page - 3M Electronics

  6473 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches.
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
7/10/02 SY/EH/LS
PomonaACCESS 90868 (800) 444-6785 or (425) 446-6010
Last saved by Laura Goldberg
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet \d6473_1_02.doc
Page 1 of 1
Model 6473
Test Probe Set with
Replaceable Tips
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Stacking banana plug fits most banana jack or binding post inputs
• Probe body incorporates a two-step mold process. First step is polypropylene for strength; second step is
Santoprene
® rubber for handling comfort, added insulation protection and wire strain relief
• Probe body and banana plug are molded directly to the wire for robust pull strength
• Wire is a high strand count silicone wire for extreme flexibility and high temperature resistance
MATERIALS:
Probe:
Outer Insulation: Santoprene
® rubber, color: gray
Inner Insulation: Polypropylene, color: one black, one red
Tip: Gold plated Beryllium Copper
Wire: 18 AWG, Silicone insulation, length: 48”
Banana Plug: Nickel plated brass
Spring: Nickel plated Beryllium Copper
Plug Insulation: polypropylene, one black, one red
RATINGS:
Operating Voltage: 30VAC/60VDC
Current: 5 Amperes
ORDERING INFORMATION: Model 6473
Includes a set of one black and one red test lead with ten replaceable tips (two of each shown above)


Similar Part No. - 6473

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
647334 MACOM-647334 Datasheet
46Kb / 1P
TERMINAL, MINI AMP-IN 2000
647334-1 MACOM-647334-1 Datasheet
46Kb / 1P
TERMINAL, MINI AMP-IN 2000
6473418-1 MACOM-6473418-1 Datasheet
30Kb / 1P
Statement of Compliance
6473418-1 MACOM-6473418-1 Datasheet
740Kb / 41P
SUPER SEAL CONNECTOR
logo
TE Connectivity Ltd
6473418-1 TEC-6473418-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - 6473

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
5689A POMONA-5689A Datasheet
49Kb / 1P
Replaceable Tip Test Probe With Banana Jack
5950A POMONA-5950A Datasheet
39Kb / 1P
Test Probe Set Replaceable Tip
5951A POMONA-5951A Datasheet
38Kb / 1P
Test Probe Set Replaceable Tip
5952A POMONA-5952A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
5953A POMONA-5953A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
6469 POMONA-6469 Datasheet
38Kb / 1P
SMD Microtip Test Probe Set
6475 POMONA-6475 Datasheet
37Kb / 2P
Test Probe Tips For 060 Series Probes
6477 POMONA-6477 Datasheet
42Kb / 1P
Replaceable Tip Test Probe Set
6218 POMONA-6218 Datasheet
27Kb / 1P
Test Probe Tips For 060 Series Probes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com