Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6372 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6372
Description  Male Mini-Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6372 Datasheet(HTML) 1 Page - 3M Electronics

  6372 Datasheet HTML 1Page - 3M Electronics 6372 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
7/10/02 SY/EH/LS
PomonaACCESS 90739 (800) 444-6785 or (425) 446-6010
Last saved by Laura Goldberg
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet \d6372_6559-60-61_2_02.doc
Page 1 of 2
Model 6372, 6559, 6560, 6561
Male Mini-Connector
“Do-It-Yourself”
Sales:800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Molded in contacts assure precision alignment
• Matching thermocouple alloys reduce EMF
• Channel design isolates wires for clear, strong signals
• Make your own extension cables
MATERIALS:
Insulator – Hytrel 4776.
MODEL NUMBER
CALIBRATION
COLOR
6372
K
Yellow
6559
J
Black
6560
E
Violet
6561
T
Blue
RATINGS:
Maximum Ambient Temperature - 400°F. (205°C.).
Maximum Wire Size – 20AWG (solid), 22 AWG (stranded)
ORDERING INFORMATION: Model 6372, 6559, 6560, 6561
Note: For low voltage environments do not exceed 30VAC/60VDC.


Similar Part No. - 6372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6372 ETC2-6372 Datasheet
63Kb / 2P
Male Mini-Connector
logo
Alpha Wire
6372 ALPHAWIRE-6372 Datasheet
80Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
6372-45 ETC2-6372-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6372-47 ETC2-6372-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6372-49 ETC2-6372-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6372 ETC2-6372 Datasheet
63Kb / 2P
Male Mini-Connector
logo
Pasternack Enterprises,...
PE6163 PASTERNACK-PE6163 Datasheet
108Kb / 1P
MINI SMP MALE TERMINATION
logo
Assmann Electronics Inc...
AB450K-R ASSMANN-AB450K-R Datasheet
82Kb / 1P
MINI DIN 6 MALE
logo
Adam Technologies, Inc.
MUSB-B5-P3-S4 ADAM-TECH-MUSB-B5-P3-S4 Datasheet
85Kb / 1P
MINI USB MALE SOLDER
MUSB-B5-S-RA ADAM-TECH-MUSB-B5-S-RA Datasheet
104Kb / 1P
MINI USB MALE SOLDER
MUSB-B5-S-RA-2 ADAM-TECH-MUSB-B5-S-RA-2 Datasheet
86Kb / 1P
MINI USB MALE SOLDER
MUSB-B5-S-RA-SMT ADAM-TECH-MUSB-B5-S-RA-SMT Datasheet
116Kb / 1P
MINI USB MALE SOLDER
MUSB-B5-S-RA-SMT-EH-KT ADAM-TECH-MUSB-B5-S-RA-SMT-EH-KT Datasheet
101Kb / 1P
MINI USB MALE SOLDER
logo
Pasternack Enterprises,...
PE4342 PASTERNACK-PE4342_16 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
PE3263 PASTERNACK-PE3263 Datasheet
160Kb / 1P
CABLE ASSEMBLY, RG142B/U, MINI UHF MALE TO MINI UHF MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com