Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0VLH4R Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLH4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH4R Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH4R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5601PEF0VLH4R Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
19
1.5.30
IEEE 1149.1 JTAG controller
The JTAG controller (JTAGC) block provides the means to test chip functionality and connectivity while remaining transparent
to system logic when not in test mode. All data input to and output from the JTAGC block is communicated in serial format.
The JTAGC block is compliant with the IEEE standard.
The JTAG controller provides the following features:
•
IEEE test access port (TAP) interface 4 pins (TDI, TMS, TCK, TDO)
•
Selectable modes of operation include JTAGC/debug or normal system operation.
•
5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
—BYPASS
— IDCODE
—EXTEST
—SAMPLE
— SAMPLE/PRELOAD
•
5-bit instruction register that supports the additional following public instructions:
— ACCESS_AUX_TAP_NPC
— ACCESS_AUX_TAP_ONCE
•
3 test data registers:
— Bypass register
— Boundary scan register (size parameterized to support a variety of boundary scan chain lengths)
— Device identification register
•
TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
1.5.31
On-chip voltage regulator (VREG)
The on-chip voltage regulator module provides the following features:
•
Uses external NPN (negative-positive-negative) transistor
•
Regulates external 3.3 V/5.0 V down to 1.2 V for the core logic
•
Low voltage detection on the internal 1.2 V and I/O voltage 3.3 V
2
Package pinouts and signal descriptions
2.1
Package pinouts
The LQFP pinouts are shown in the following figures. For pin signal descriptions, please refer to Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com