Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4NB60CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4NB60CPROG
Description  600V N-Channel Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NB60CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4NB60CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM4NB60CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSM4NB60
600V N-Channel Power MOSFET
1/11
Version: F13
TO-220
ITO-220
PRODUCT SUMMARY
VDS (V)
RDS(on)(
Ω)
ID (A)
600
2.5 @ VGS =10V
4
General Description
The TSM4NB60 N-Channel Power MOSFET is
produced by new advance planar process. This
advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode.
TO-251
(IPAK)
TO-252
(DPAK)
Features
●
Low RDS(ON) 2.2Ω (Typ.)
●
Low gate charge typical @ 14.5nC (Typ.)
●
Low Crss typical @ 7.0pF (Typ.)
●
100% Avalanche Tested
Ordering Information
Part No.
Package
Packing
TSM4NB60CH C5G
TO-251
75pcs / Tube
TSM4NB60CP ROG
TO-252
2.5Kpcs / 13” Reel
TSM4NB60CZ C0
TO-220
50pcs / Tube
TSM4NB60CI C0G
ITO-220
50pcs / Tube
Note: “G” denotes for Halogen Free
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
IPAK/DPAK
ITO-220
TO-220
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Tc = 25ºC
ID
4
A
Tc = 100ºC
2.4
A
Pulsed Drain Current *
IDM
16
A
Single Pulse Avalanche Energy (Note 2)
EAS
70
mJ
Avalanche Current (Repetitive) (Note 1)
IAR
4
A
Repetitive Avalanche Energy (Note 1)
EAR
5
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Total Power Dissipation @ TC = 25
oC
PTOT
50
25
70
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Limited by maximum junction temperature
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM4NB60CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4NB60CPROG TSC-TSM4NB60CPROG Datasheet
382Kb / 10P
600V N-Channel Power MOSFET
TSM4NB60CPROG TSC-TSM4NB60CPROG Datasheet
1Mb / 11P
600V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM4NB60CPROG VBSEMI-TSM4NB60CPROG Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - TSM4NB60CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM6N60 TSC-TSM6N60 Datasheet
147Kb / 5P
600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com