Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6000 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT6000
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6000 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT6000 Datasheet HTML 10Page - ATMEL Corporation AT6000 Datasheet HTML 11Page - ATMEL Corporation AT6000 Datasheet HTML 12Page - ATMEL Corporation AT6000 Datasheet HTML 13Page - ATMEL Corporation AT6000 Datasheet HTML 14Page - ATMEL Corporation AT6000 Datasheet HTML 15Page - ATMEL Corporation AT6000 Datasheet HTML 16Page - ATMEL Corporation AT6000 Datasheet HTML 17Page - ATMEL Corporation AT6000 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AT6000(LV) Series
14
Notes:
1. PWR = Pins connected to power plane = F1, E4/E5, L2, R4, K15, L12, E14, A12.
2. GND = Pins connected to ground plane = L4, M4, N9, N10, E12, D12, C7, C6.
-
-
-
VDD
--
--
PWR
(1)
83
95
VCC
VCC
VCC
VCC
46
41
70
58
PWR
(1)
84
96
I/O82(A)
I/O102(A)
I/O92(A)
I/O175(A)
47
42
71
59
N11
85
97
I/O81(B)
I/O101(B)
I/O91(A)
I/O174(A)
-
-
72
60
N12
86
98
-
-
-
I/O173(B)
-
-
-
-
-
87
99
I/O80(A)
I/O100(A)
I/O90(A)
I/O172(A)
48
43
73
61
N13
88
100
I/O79(B)
I/O99(B)
I/O89(A)
I/O171(A)
-
44
74
62
P8
89
101
-
-
-
I/O170(A)
-
-
-
-
P9
90
102
-
-
-
I/O169(B)
-
-
-
-
-
-
103
I/O78(A)
I/O98(A)
I/O88(A)
I/O168(A)
49
45
75
63
P10
91
104
-
I/O97(B)
I/O87(A)
I/O167(A)
-
-
76
64
P11
92
105
-
-
-
I/O166(A)
-
-
-
-
P12
93
106
GND
GND
GND
GND
-
-
77
65
GND
(2)
94
107
-
-
-
I/O165(B)
-
-
-
-
-
-
108
I/O77(A)
I/O96(A)
I/O86(A)
I/O164(A)
50
46
78
66
P13
95
109
I/O76(B)
I/O95(B)
I/O85(A)
I/O163(A)
-
47
79
67
P14
96
110
-
-
-
I/O162(A)
-
-
-
-
P8
97
111
-
-
-
I/O161(B)
-
-
-
-
-
-
112
I/O75(A)
I/O94(A)
I/O84(A)
I/O160(A)
51
48
80
68
R9
98
113
I/O74(B)
I/O93(A)
I/O83(A)
I/O159(A)
-
-
81
69
R10
99
114
-
-
-
I/O158(A)
-
-
-
-
R11
100
115
-
-
-
I/O157(B)
-
-
-
-
-
-
116
-
I/O92(B)
-
I/O156(A)
-
-
-
70
R12
101
117
I/O73(A)
I/O91(A)
I/O82(A)
I/O155(A)
52
49
82
71
R13
102
118
-
-
-
I/O154(A)
-
-
-
-
R14
103
119
RESET
RESET
RESET
RESET
53
50
83
72
R15
104
120
Pinout Assignment (Continued)
Bottom Side (Left to Right)
AT6002
AT6003
AT6005
AT6010
84
PLCC
100
VQFP
132
PQFP
144
TQFP
180
CPGA
208
PQFP
240
PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com