Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TPZ Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2018TPZ
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2018TPZ Datasheet HTML 8Page - Analog Devices SSM2018TPZ Datasheet HTML 9Page - Analog Devices SSM2018TPZ Datasheet HTML 10Page - Analog Devices SSM2018TPZ Datasheet HTML 11Page - Analog Devices SSM2018TPZ Datasheet HTML 12Page - Analog Devices SSM2018TPZ Datasheet HTML 13Page - Analog Devices SSM2018TPZ Datasheet HTML 14Page - Analog Devices SSM2018TPZ Datasheet HTML 15Page - Analog Devices SSM2018TPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2018
Data Sheet
Rev. C | Page 12 of 16
APPLICATIONS INFORMATION
The SSM2018 is a trimless voltage controlled amplifier (VCA) for
volume control in audio systems. The SSM2018 is identical to
the original SSM2018 in functionality and pinout; however, it is
the first professional quality audio VCA in the marketplace that
does not require an external trimming potentiometer to minimize
distortion. Instead, the SSM2018 is laser trimmed before it is
packaged to ensure the specified THD and control feedthrough
performance. This has a significant savings in not only the cost of
external trimming potentiometers, but also the manufacturing cost
of performing the trimming optimization during production.
BASIC VCA CONFIGURATION
The primary application circuit for the SSM2018 is the basic
VCA configuration, which is shown in Figure 29. This configura-
tion uses differential current feedback to realize the VCA. A
complete description of the internal circuitry of the VCA, and this
configuration, is given in the Theory of Operation section. The
SSM2018 is trimmed at the factory for operation in the basic
VCA configuration with class AB biasing. Thus, for optimal
distortion and control feedthrough performance, use the same
configuration and biasing. All of the graphs for the SSM2018 in
the data sheet have been measured using the circuit of Figure 29.
Figure 29. Basic VCA Application Circuit
In the simple VCA configuration, the SSM2018 inputs are at a
virtual ground. Thus, 18 kΩ resistors are required to convert the
input voltages to input currents. The schematic also shows ac
coupling capacitors. These are inserted to minimize dc offsets
generated by bias current through the resistors. Without the
capacitors, the dc offset due to the input bias current is typically
5 mV. The input stage has the flexibility to run either inverting,
noninverting, or balanced. The most common configuration is
to run it in the noninverting single-ended mode. If either input
is unused, the associated 18 kΩ resistor and coupling capacitor
should be removed to prevent any additional noise.
The common-mode rejection in balanced mode is typically
55 dB up to 1 kHz, decreasing at higher frequencies as shown in
Figure 25. To ensure good CMRR in the balanced configuration,
the input resistors must be balanced. For example, a 1% mismatch
results in a CMRR of 40 dB. To achieve 55 dB, these resistors
should have an absolute tolerance match of 0.1%.
The output of the basic VCA is taken from Pin 14, which is the
output of an internal amplifier. Note that the second voltage
output (Pin 16) is connected to the negative supply. This is
normal and actually disables that output amplifier, ensuring
that it does not oscillate and cause interference problems.
Shorting the output to the negative supply does not cause the
supply current to increase. This amplifier is only used in the
OVCE application explained in the Operational Voltage
Controlled Element section.
The control port follows a −30 mV/dB control law. The application
circuit shows a 3 kΩ and 1 kΩ resistor divider from a control
voltage. The choice of these resistors is arbitrary and could be
any values to properly scale the control voltage. In fact, these
resistors can be omitted if the control voltage has been properly
scaled. The 1 μF capacitor is in place to provide some filtering
of the control signal. Although the control feedthrough is
trimmed at the factory, the feedthrough increases with frequency
(Figure 20). Thus, high frequency noise can feed through and
add to the noise of the VCA. Filtering the control signal helps
minimize this noise source.
PROPER OPERATING MODE FOR THE SSM2018
The SSM2018 has the flexibility of operating in either Class A
or Class AB. This is accomplished by adjusting the amount of
current flowing in the gain core (IM in Figure 28). The traditional
trade-off between the two classes is that Class A tends to have
lower THD but higher noise than Class AB. However, by using
well matched gain core transistors, distortion compensation
circuitry and laser trimming, the SSM2018 has excellent THD
performance in Class AB. Thus, it offers the best of both worlds
in having the low noise of Class AB with low THD.
Because the SSM2018 operates optimally in Class AB, the
distortion trim is performed for this class. To guarantee
conformance to the data sheet THD specifications, the SSM2018
must be operated in class AB. This does not mean that it can
not be operated in Class A, but the optimal THD trim point is
different for the two classes. Using Class A operation results to
0.05% without trim. An external potentiometer could be added
to change the trim back to its optimal point as shown in the
OVCE application circuit, but this adds the expense and time in
adjusting a potentiometer.
The class of operation is set by selecting the proper value for RB
shown in Figure 29. RB determines the current flowing into the
MODE input (Pin 12). For class AB operation with ±15 V supplies,
RB should be 150 kΩ. This results in a current of 95 μA. For
other supply voltages, adjust the value of RB such that current
remains at 95 μA. This current follows the formula:
B
CC
MODE
R
V
I
V)
7
.
0
(
(3)
The factor of 0.7 V arises from the fact that the dc bias on Pin
12 is a diode drop above ground.
VIN+
VIN–
1
V+
2
3
4
VOUT
1µF 18kΩ
18kΩ
RB
150kΩ
50pF
47pF
18kΩ
3kΩ
1kΩ
1µF
1µF
VCONTROL
16
15
14
13
5
6
7
12
11
V–
V+
10
8
9
SSM2018T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com