Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018PZ Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2018PZ
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018PZ Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2018PZ Datasheet HTML 8Page - Analog Devices SSM2018PZ Datasheet HTML 9Page - Analog Devices SSM2018PZ Datasheet HTML 10Page - Analog Devices SSM2018PZ Datasheet HTML 11Page - Analog Devices SSM2018PZ Datasheet HTML 12Page - Analog Devices SSM2018PZ Datasheet HTML 13Page - Analog Devices SSM2018PZ Datasheet HTML 14Page - Analog Devices SSM2018PZ Datasheet HTML 15Page - Analog Devices SSM2018PZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 13 of 16
OUTPUT DRIVE
The SSM2018 is buffered by an internal op amp to provide a
low impedance output. This output is capable of driving to
within 1.2 V of either rail at 1% distortion for a 100 kΩ load.
Note that this 100 kΩ load is in parallel with the feedback
resistor of 18 kΩ, so the effective load is 15.3 kΩ. For better
than 0.01% distortion, the output should remain about 3.5 V
away from either rail as shown in Figure 6. As the graph of
output swing versus load resistance shows (Figure 13), to
maintain less than 1% distortion the output current should be
limited to approximately ±1.3 mA. If higher current drive is
required, the output should be buffered with a high quality op
amp such as the ADA4897-1 or the AD797.
The internal amplifiers are compensated for unity gain stability
and are capable of driving a capacitive load up to 4700 pF.
Larger capacitive loads should be isolated from the output of
the SSM2018 by the use of a 50 Ω series resistor.
Figure 30. Upgrading SSM2018 Sockets
UPGRADING SSM2018 SOCKETS
The SSM2018 easily replaces the SSM2018 in the basic VCA
configuration. The parts are pin for pin compatible allowing
direct replacement. At the same time, the trimming potentiometers
for symmetry and offset should be removed, as shown in Figure 30.
Upgrading immediately to the SSM2018 saves the expense of
the potentiometers and the time in production of trimming for
minimum distortion and control feedthrough.
If the SSM2018 is used in the OVCE or VCP configuration, the
SSM2018 can still directly replace it; however, the potentiometers
cannot necessarily be removed, as explained in the Operational
Voltage Controlled Element and Voltage Controlled Panner
sections.
TEMPERATURE COMPENSATION OF THE GAIN
CONSTANT
The gain constant has a −3500 ppm/°C temperature drift due to
the inherent nature of the control port. Over the full temperature
range of −40°C to +85°C, the drift causes the gain to change by
7 dB if the part is in a gain of ±20 dB. If the application requires
the gain constant to be the same over a wide temperature range,
external temperature compensation should be employed. The
simplest form of compensation is a temperature compensating
resistor (TCR) such as the PT146 from Precision Resistor Co.
These elements are different than a standard thermistor in that
they are linear over temperature to better match the linear drift
of the gain constant.
Figure 31. Two TCRs Compensate for Temperature Drift of Gain Constant
The gain constant has a −3500 ppm/°C temperature drift that is
due to the reciprocal dependence of the design on absolute
temperature. This causes the gain to vary by 7 dB over the
temperature range from −40°C to +85°C when the nominal gain
at room temperature is set to 20 dB. The gain change is quite
small if the temperature range of operation is restricted.
Nevertheless, the TC of the gain constant is easily compensated
by buffering the control voltage to the VCA with a circuit having a
3500 ppm/°C temperature coefficient. Figure 31 shows a simple
solution to the problem using an op amp with a PT146 temperature
compensating resistor from the Precision Resistor Company.
Note that this circuit is inverting, which changes the gain
constant to a positive quantity. Any other circuit that provides
the necessary positive TC works.
V+
REMOVE FOR SSM2018T
10MΩ
OFFSET
TRIM
VIN+
VIN–
1
V+
2
3
4
VOUT
1µF
1µF
18kΩ
1kΩ
NC
18kΩ
RB
50pF
47pF
18kΩ
3kΩ
1µF
VCONTROL
NOTES
1. RB: 150kΩ FOR CLASS AB.
2. NC = NO CONNECT.
16
15
14
13
5
6
7
12
11
V–
V+
10
8
9
SSM2018
V–
500kΩ
100kΩ
470kΩ
SYMMETRY
TRIM
CONTROL
VOLTAGE
1kΩ*
2kΩ
+15V
–15V
*PT146 AVAILABLE FROM
PRECISION RESISTOR CO.
10601 75TH STREET NORTH
LARGO, FL. 34647 (727) 541-5771
OP27
PIN 11
SSM2108/
SSM2108T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com