Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2143 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2143
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143 Datasheet(HTML) 3 Page - Analog Devices

  SSM2143 Datasheet HTML 1Page - Analog Devices SSM2143 Datasheet HTML 2Page - Analog Devices SSM2143 Datasheet HTML 3Page - Analog Devices SSM2143 Datasheet HTML 4Page - Analog Devices SSM2143 Datasheet HTML 5Page - Analog Devices SSM2143 Datasheet HTML 6Page - Analog Devices SSM2143 Datasheet HTML 7Page - Analog Devices SSM2143 Datasheet HTML 8Page - Analog Devices SSM2143 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SSM2143
REV.
–3–
10
90
100
0%
50mV
1
µs
Figure 1. Small-Signal Transient Response (VIN = ±200 mV,
G = 1/2, RL = 2 kΩ, VS = ±15 V, TA = +25°C)
Figure 3. THD+N vs. Frequency (VS =
±15 V,
VIN = 10 V rms, with 80 kHz Filter)
Figure 5. Dynamic Intermodulation Distortion, DIM-100
(VS = ±15 V, RL = 100 kΩ)
10
90
100
0%
5V
5
µs
Figure 2. Large Signal Transient Response (VIN = +24 dBu,
G = 1/2, RL = 2 kΩ VS = ±15 V, TA = +25°C)
Figure 4. Headroom (VS = ±15 V, RL = 10 kΩ,
with 80 kHz Filter)
LOAD RESISTANCE –
Ω
100
10k
1k
100k
1.0
0.0001
0.1
0.001
0.01
Figure 6. THD+N vs. Load (VS = ±15 V, VIN = 10 V rms, with
1 kHz Sine, 80 kHz Filter)
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com