Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2315CBZ-R21 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2315CBZ-R21
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2315CBZ-R21 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2315CBZ-R21 Datasheet HTML 8Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 9Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 10Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 11Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 12Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 13Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 14Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 15Page - Analog Devices SSM2315CBZ-R21 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2315
Rev. A | Page 14 of 16
OUTLINE DIMENSIONS
1.490
1.460 SQ
1.430
0.350
0.320
0.290
0.655
0.600
0.545
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
3
B
C
0.270
0.240
0.210
0.385
0.360
0.335
A1 BALL
CORNER
SEATING
PLANE
0.50
BALL PITCH
Figure 34. 9-Ball Wafer Level Chip Scale Package [WLCSP]
(CP-9-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
SSM2315CBZ-R21
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-2
Y0P
SSM2315CBZ-REEL1
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-2
Y0P
SSM2315CBZ-REEL71
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-2
Y0P
SSM2315-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com