Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6002A-2AI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT6002A-2AI
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6002A-2AI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT6002A-2AI Datasheet HTML 17Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 18Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 19Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 20Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 21Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 22Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 23Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 24Page - ATMEL Corporation AT6002A-2AI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AT6000(LV) Series
21
Absolute Maximum Ratings*
Supply Voltage (V
CC) ........................................-0.5V to + 7.0V
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. These are stress rating only
and functional operation of the device at these or
any other conditions beyond those listed under
operating conditions is not implied. Exposure to
Absolute Maximum Rating conditions for
extended periods of time may affect device reli-
ability.
DC Input Voltage (V
IN) ...............................-0.5V to VCC + 0.5V
DC Output Voltage (VON) ...........................-0.5V to VCC + 0.5V
Storage Temperature Range
(TSTG)........................................................... -65 °C to +150°C
Power Dissipation (PD)............................................. 1500 mW
Lead Temperature (T
L)
(Soldering, 10 sec.) ........................................................260
°C
ESD (R
ZAP = 1.5K, CZAP = 100 pF)................................. 2000V
DC and AC Operating Rage – 5V Operation
AT6002-2/4
AT6003-2/4
AT6005-2/4
AT6010-2/4
Commercial
AT6002-2/4
AT6003-2/4
AT6005-2/4
AT6010-2/4
Industrial
AT6002-2/4
AT6003-2/4
AT6005-2/4
AT6010-2/4
Military
Operating Temperature (Case)
0
°C - 70°C-40°C - 85°C-55°C - 125°C
VCC Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
Input Voltage Level
(TTL)
High (V
IHT)2.0V - VCC
2.0V - V
CC
2.0V - V
CC
Low (V
ILT)
0V - 0.8V
0V - 0.8V
0V - 0.8V
Input Voltage Level
(CMOS)
High (VIHC)
70% - 100% VCC
70% - 100% VCC
70% - 100% VCC
Low (V
ILC)
0 - 30% V
CC
0 - 30% V
CC
0 - 30% V
CC
Input Signal Transition Time (T
IN)
50 ns (max)
50 ns (max)
50 ns (max)
DC and AC Operating Rage – 3.3V Operation
AT6002-2/4, AT6003-2/4
AT6005-2/4, AT6010-2/4
Commercial
Operating Temperature (Case)
0
°C - 70°C
V
CC Power Supply
3.3V ± 5%
Input Voltage Level
(TTL)
High (V
IHT)2.0V - VCC
Low (VILT)
0V - 0.8V
Input Voltage Level
(CMOS)
High (V
IHC)
70% - 100% V
CC
Low (V
ILC)
0 - 30% V
CC
Input Signal Transition Time (TIN)
50 ns (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com