Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA03110S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA03110S
Description  140 MHz SAW Filter 14 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA03110S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA03110S Datasheet HTML 1Page - API Technologies Corp SF0140BA03110S Datasheet HTML 2Page - API Technologies Corp SF0140BA03110S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
14 MHz Bandwidth
Part Number: SF0140BA03110S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA03110S Rev B
8-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
139.6
140
140.4 MHz
Insertion Loss
2
-
8.4
10
dB
1 dB Bandwidth
13
14.5
-
MHz
3 dB Bandwidth
14
15.5
-
MHz
35 dB Bandwidth
-
19.4
20
MHz
Passband Ripple
3
-
0.3
1
dB p-p
Phase Deviation from Linear
3
-
2.1
15
deg p-p
Group Delay Variation
3
-
30
140
ns p-p
Absolute Delay
-
0.94
-
µs
Ultimate Rejection
4
40
43
-
dB
Substrate
Lithium Niobate
Temperature Coefficient of Frequency
-
-90
-
ppm/˚C
Ambient Temperature
-
25
-
˚C
System Source and Load Impedance
-
50
-
Ω
Notes: 1. Average of the lower and upper 3 dB frequencies.
2. Average level in the passband.
3. Evaluated over 80% of the 3dB bandwidth (i.e. FC±5.6 MHz).
4. Evaluated over the intervals 20 – 126 MHz and 154 – 280 MHz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
+85
˚C
Input Power Level
+17
dBm
DC Voltage Between Each Terminal
15
V
MATCHING CIRCUIT
Component values (minimum inductor Q = 45):
Ls1 = 100 nH
Cp1 = 22 pF
Ls2 = 120 nH
Cp2 = 12 pF
Notes:
1. The component values shown above are those used in the Spectrum Microwave test fixture. Optimum
values may change depending on board layout.
2. 5% tolerance components or better are recommended.
11
5
1,2,3,4,6,
7,8,9,10,12
Input
50 Ω Source
Single Ended
Output
50 Ω Load
Single Ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com