Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA03072S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA03072S
Description  140 MHz Filter 16 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA03072S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA03072S Datasheet HTML 1Page - API Technologies Corp SF0140BA03072S Datasheet HTML 2Page - API Technologies Corp SF0140BA03072S Datasheet HTML 3Page - API Technologies Corp SF0140BA03072S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
140 MHz Filter
16 MHz Bandwidth
Part Number SF0140BA03072S
Rev X6 15-Feb-05
Page 2 of 4
Integrated Circuit Systems
• Surface Acoustic Wave Products
Integrated
Circuit
Systems, Inc.
PACKAGE AND SUGGESTED PCB FOOTPRINT
PACKAGE INFORMATION
SUGGESTED PCB FOOTPRINT
PIN CONFIGURATION
11
12
5
6
INPUT
INPUT RETURN
OUTPUT
ALL OTHERS
GROUND
OUTPUT RETURN
15.37
8.53
7.62
2.54
2.59
2.98
2.54
.89
1
2
3
4
5
6
7
8
9
10
11
12
1
12X 1.4
13.33 ±.20
6.50 ±.20
.80
2.54
1.98 MAX
10
2
9
3
8
4
7
5
6
12
11
YYJJJM
ICS
BA03072S
NOTES:
DIMENSIONS SHOWN ARE NOMINAL IN
MILLIMETERS. ALL TOLERANCES ARE
±0.15MM EXCEPT OVERALL LENGTH
AND WIDTH
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
MARKING
ICS
BA03072S
1
10
2
9
3
8
4
7
5
6
12
11
YYJJJM
LOGO
MARKING
ESD PIN 1
The date code consists of:
YY = last two digits of year; JJJ = Julian day;
M = manufacturing site code
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com