Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA03071S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA03071S
Description  140 MHz SAW Low-Loss Filter 12 MHz Bandwidth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA03071S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA03071S Datasheet HTML 1Page - API Technologies Corp SF0140BA03071S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
140 MHz SAW Low-Loss Filter
12 MHz Bandwidth
Part Number SF0140BA03071S
Integrated
Circuit
Systems, Inc.
Rev X5 21-Apr-05
Page 2 of 2
Integrated Circuit Systems
• Surface Acoustic Wave Products
PACKAGE OUTLINE
Units:
mm
Pin Configuration:
Input:
11
Input Return:
12
Output:
5
Output Return:
6
Ground:
All other pins
MATCHING CIRCUIT
Ls2
Ls1
11
5
12
6
Component values:
Ls1 = 120 nH
Ls2 = 82 nH
(Minimum Q = 45)
Notes
1. Recommended component tolerance: 5%
2. Optimum values may change depending on board layout. The values shown here are intended as a guide
only.
ISO 9001
Registered
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com