Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2035-09-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2035-09-SM-RPLF
Description  Satellite Receiver RF Input
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2035-09-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2035-09-SM-RPLF_12 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Satellite Receiver RF Input
Surge Protection
The schematic above illustrates the application protection and does not constitute the complete circuit design.
Customers should verify actual device performance in their specific applications.
2035-09-SM-RPLF
SMLJ20A
Solution Products
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
Bourns® PortNote® solutions provide protection
recommendations for typical port threats.
For more information, go to:
www.bourns.com
or email: protection@bourns.com
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
Europe: Tel +41-(0)41 768 55 55
Fax +41-(0)41 768 55 10
Compliance
IEC 61000-4-5; 6 kV / 3 kA
Benefit
This solution provides a low height, high-current
solution to exposed set top box applications
Objective
This solution is designed to offer surge
protection to the RF input port from a
set top box to a satellite dish. Near strikes
or strikes to the building can damage the
delicate RF port and the power supply
which is fed to the dish.
Solution
1 GDT: 2035-09-SM-RPLF
1 TVS Diode: SMLJ20A
COPYRIGHT© 2012 • BOURNS, INC. • 6/12 • e/CPK1161 • “PortNote”is a registered service mark of Bourns, Inc.
“Bourns”is a registered trademark of Bourns, Inc. in the U.S. and other countries.
PN-DESIGNKIT-37
Design Kit
RF
Input
DC
Supply
SMLJ20A
2035-09-SM-RPLF


Similar Part No. - 2035-09-SM-RPLF_12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2035-09-SM-RPLF_12

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
ADVANCED MODULATION SATELLITE RECEIVER
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
Components for Satellite Receiver Units
01.2001 , V219
logo
Broadcom Corporation.
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
SATELLITE RECEIVER EVALUATION SYSTEM
logo
LSI Computer Systems
L64734 LSI-L64734 Datasheet
478Kb / 48P
Tuner and Satellite Receiver Chipset
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
ADVANCED MODULATION SATELLITE RECEIVER
logo
EPCOS
B800 EPCOS-B800 Datasheet
81Kb / 6P
Satellite Receiver Filter
B801 EPCOS-B801 Datasheet
114Kb / 9P
Satellite Receiver Filter
logo
Mitsubishi Electric Sem...
TSU9 MITSUBISHI-TSU9 Datasheet
113Kb / 2P
2nd RF Units for Digital Satellite Broadcasting Receiver
logo
TEMEX
TMXW346 TEMEX-TMXW346 Datasheet
260Kb / 5P
SAW Bandpass Filter - Satellite Receiver - IF
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E2 TAI-SAW-TB480E2 Datasheet
707Kb / 4P
SAW Filter 480MHz for Satellite Receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com