Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3513
Description  .250 (6.4) DIAMETER FUSE CLIPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3513 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT. NO.
AB
3533
Flat
.656 (16.7)
3535
45°
.562 (14.3)
3570
—
NO TAB
CAT. NO.
HL
END STOPS
3510
.421 (10.7)
.140 (3.6)
NO
3529
.421 (10.7)
.140 (3.6)
YES
3511
.430 (10.9)
.250 (6.4)
NO
3514
.430 (10.9)
.250 (6.4)
YES
TAB
.625 [15.9]
.310 [7.9]
.280 [7.1]
.312 [7.9]
.453
[11.5]
.156 [4.0]
.135 [3.5] DIA.
A
B
.421 [10.7]
.325
[8.3]
.140 [3.6]
.300
[7.6]
.280
[7.1]
.064
[1.63]
.250 (6.4) DIAMETER FUSE CLIPS
MATERIAL:
.020 (.51) Brass, Tin Plate
Current Rating: 15 Amps
MATERIAL:
.020 (.51) Brass, Tin Plate
Current Rating: 15 Amps
MATERIAL:
.020 (.51) Brass, Nickel Plate
Current Rating: 15 Amps
MATERIAL:
.020 (.51) Brass, Nickel Plate
Current Rating: 15 Amps
MATERIAL:
.020 (.51) Brass, Tin Plate
Current Rating: 15 Amps
MATERIAL:
.020 (.51) Brass, Tin Plate
Current Rating: 15 Amps
With or Without Orientation Legs
Mounting Detail
WITH SNAP-IN PC LEGS
WITH STRAIGHT PC LEGS
WITH QUICK-FIT TAB
WITH OR WITHOUT END STOPS
WITH STRAIGHT PC LEGS
.430 [10.9]
.060 [1.50]
.175 [4.5]
.228
[5.8]
.280 [7.1]
.325
[8.5]
.098 [2.5] DIA.
.300
[7.6]
.067 [1.70] DIA.
Mounting Detail
.437 [11.1]
.335
[8.5]
.270 [6.9]
.100 [2.6]
.062 [1.55]
.312
[7.9]
.067 [1.70] DIA.
.270
[6.9]
A
B
.156 [4.0]
.453
[11.5]
.280 [7.1]
.310
[7.9]
.312
[7.9]
.135 [3.5] DIA.
.100 [2.6] DIA.
.437
[11.1]
.335
[8.5]
.136 [3.5] DIA.
NO END STOPS
3567
WITH
END STOPS
3532
WITH
.312
[7.9]
.312
[7.9]
.415
[10.6]
.130 [3.3] DIA.
.312 [7.9]
H
L
.060 [1.52]
.300
[7.6]
.325
[8.3]
WITH
3510, 3511
NO END STOPS
WITH
3514, 3529
END STOPS
.280
[7.1]
CAT. NO.
AB
3515
.060 (1.5)
.060 (1.5)
3515P .060 (1.5)
.093 (2.4)
3516P .060 (1.5)
.120 (3.0)
CAT. NO. END STOPS
3532
YES
3567
NO
WITH SNAP-IN PC LEGS
MATERIAL:
.020 (.51) Brass, Nickel Plate
Current Rating: 15 Amps
MATERIAL:
.020 (.51) Brass, Nickel Plate
Current Rating: 15 Amps
CAT. NO. 3513
CAT. NO. 3530
CAT. NO. 3531 (Without End Stops)
1AG, 3AG, 7AG, 8AG
THRU HOLE MOUNT TYPES
CAT. NO.
TAB
4246
.187 (4.7)
4247
.205 (5.2)
WITH SOLDER LUG
LOW PROFILE
Mounting Detail
.300
[7.6]
.067 [1.70] DIA.
3533
3535
3570
3515
3516P
3532
3567
3529
3514
Refer to pages 46-49 for Fuse Clip Layout and Mounting Details
1AG, 3AG, 7AG, 8AG
RIVET & SURFACE MOUNT TYPES
45
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60 Section 2 FREV2
11/23/11
11:31 AM
Page 45


Similar Part No. - 3513

ManufacturerPart #DatasheetDescription
logo
Linear Technology
3513 LINER-3513 Datasheet
261Kb / 20P
2MHz High Current 5-Output Regulator for TFT-LCD Panels
logo
Lumberg
3513 LUMBERG-3513 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
logo
Lumberg
3513 LUMBERG-3513 Datasheet
517Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3513

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
Fuse Blocks and Clips
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
Littelfuse
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
Fuse Blocks and Clips Screw Terminal
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
FUSE BLOCKS AND CLIPS
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
Fuse Blocks and Clips
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
Fuse Blocks and Clips
logo
Cooper Bussmann, Inc.
5592-11 COOPER-5592-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com