Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

015061 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 015061
Description  Industrial Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

015061 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  015061 Datasheet HTML 1Page - List of Unclassifed Manufacturers 015061 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
congatec AG, Auwiesenstraße 5, 94469 Deggendorf, Germany
Phone +49 (991) 2700-0, Fax +49 (991) 2700-111, info@congatec.com
www
.congatec.com
w w w.congatec.com
Formfactor
Qseven Form Factor, 70x70 mm
CPU
Intel® Atom™ processor E6xx series with 1,6 GHz, 1.3 GHz, 1.0 GHz and 600 MHz
Intel® Atom™ E680T / E680, 1.6 GHz (45 nm process, 512kb L2 cache, TDP 3.9 W)
Intel® Atom™ E660T / E660, 1.3 GHz (45 nm process, 512kb L2 cache, TDP 3.3W
Intel® Atom™ E640T / E640, 1.0 GHz (45 nm process, 512kb L2 cache, TDP 3.3W)
Intel® Atom™ E620T / E620, 600 MHz (45 nm process, 512kb L2 cache, TDP 2.7W)
DRAM
Up to 2 GByte onboard DDR2 memory with 667/800 MT/s
Chipset
Intel® Platform Controller Hub EG20
Ethernet
Micrel® Gbit Ethernet Phy KSZ9021RN
I/O Interfaces
6x USB 2.0, 2x SATA (AHCI only), 1x SDIO, 3x PCIe, I²C Bus, 1x USB client, LPC bus, CAN Bus
Mass Storage
Onboard SATA Solid State Drive up to 32 GByte (optional)
Sound
Intel® High Definition Audio (Intel® HD Audio)
Graphics
Intel® Graphics Core with 2D and 3D hardware Accelerator and dual independet display support.
Video Decode Acceleration
Full hardware acceleration for MPEG2, MPEG4, H.264, WMV9 and VC1
Motion Video Support
Single channel 80MHz LVDS transmitter, support for flat panels with 1x18 and 1x24 bit data mapping
up to a resolution of 1280x768@60Hz.
Single channel 160MHz SDVO interface, supports resolutions up to 1920x1080@60Hz and 1280x1024@85Hz.
Dual independent display support
congatec Board Controller
Multi Stage Watchdog, non-volatile User Data Storage, Manufacturing and Board information, Board Statistics,
I²C bus (fast mode, 400 kHz, multi-master), Power Loss Control
Embedded BIOS Features
OEM Logo, OEM CMOS Defaults, LCD Control, Display Auto Detection, Backlight Control, Flash Update, based on AMI Aptio UEFI
Power Management
ACPI 3.0 compliant, Smart Battery Management
Operating Systems
Windows® XP, Windows® XP embedded Standard, Windows® CE 6.0, Linux 2.6, QNX 6.x
Power Consumption
Typ. application ~5 Watt @ 5V
Temperature Range
Operating:
0 to +60°C (opt. -40 to +85°C)
Storage:
-20 to +80°C (opt. -40 to +85°C)
Humidity
Operating:
10 to 90% r. H. non cond.
Storage:
5 to 95% r. H. non cond.
Size
70 x 70 mm (2¾" x 2¾")
Extended Temperature Range
-40° .. +85°C
Intel® 3D Graphics
CAN Bus
Industrial Temperature
Qseven™ Module
www
.congatec.com
conga-QA6


Similar Part No. - 015061

ManufacturerPart #DatasheetDescription
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
logo
STEGO Elektrotechnik Gm...
01500.2-00 STEGO-01500.2-00 Datasheet
1Mb / 1P
SMART SENSOR DISTANCE
02.02.2024
logo
AG Electronica
015000151-0 AGELECTRONICA-015000151-0 Datasheet
412Kb / 1P
Adaptadores para cargador de baterías 10 en 1.
27/10/2015
logo
Littelfuse
01500079Z LITTELFUSE-01500079Z Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01500079Z-ND LITTELFUSE-01500079Z-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
More results

Similar Description - 015061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9936A ETC-9936A Datasheet
1Mb / 16P
Industrial temperature calibration selection guide
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
Industrial temperature range operation
logo
SHANGHAI BELLING CO., L...
BL24C512 BELLING-BL24C512 Datasheet
177Kb / 15P
Industrial temperature grades
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
Industrial Temperature Range
logo
All Sensors Corporation
0.3PSI-G-4VPRIME-ND ASC-0.3PSI-G-4VPRIME-ND Datasheet
256Kb / 6P
industrial Temperature Grade
Rev C
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
Industrial Temperature Grade
Rev C
logo
MORNSUN Science& Techno...
MCP100-2A27D27 MORNSUN-MCP100-2A27D27 Datasheet
1Mb / 4P
Industrial grade operating temperature
logo
Cynergy3 Co
IWTT CYNERGY3-IWTT Datasheet
121Kb / 2P
Industrial Wireless Temperature Transducer
logo
Kingston Technology Far...
FCR-MLG4 KINGSTON-FCR-MLG4 Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
logo
DANFOSS POWER SOLUTIONS
MTB3250 DANFOSS-MTB3250 Datasheet
1Mb / 6P
Heavy-duty industrial temperature sensor.
2021.02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com