Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIC10P080 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIC10P080
Description  Chip Bead CIC/CIS Series For High Current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIC10P080 Datasheet(HTML) 1 Page - Samsung semiconductor

  CIC10P080 Datasheet HTML 1Page - Samsung semiconductor CIC10P080 Datasheet HTML 2Page - Samsung semiconductor CIC10P080 Datasheet HTML 3Page - Samsung semiconductor CIC10P080 Datasheet HTML 4Page - Samsung semiconductor CIC10P080 Datasheet HTML 5Page - Samsung semiconductor CIC10P080 Datasheet HTML 6Page - Samsung semiconductor CIC10P080 Datasheet HTML 7Page - Samsung semiconductor CIC10P080 Datasheet HTML 8Page - Samsung semiconductor CIC10P080 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Chip Bead ; CIC/CIS Series
For High Current
LW
t
d
1.0
±0.05
1.6
±0.15
2.0
±0.2
3.2
±0.2
3.2
±0.2
4.5
±0.2
4.5
±0.2
SIZE CODE
0.5
±0.05
0.8
±0.15
1.25
±0.2
1.6
±0.2
2.5
±0.2
1.6
±0.2
3.2
±0.2
0.5
±0.05
0.8
±0.15
0.9
±0.2
1.1
±0.2
1.3
±0.2
1.6
±0.2 / 1.2±0.2
1.5
±0.2
0.25
±0.1
0.3
±0.2
0.5
+0.2,-0.3
0.5
+0.2,-0.3
0.5
±0.3
0.5
±0.3
0.5
±0.3
05
10
21
31
32
41
43
(1) Chip Beads
(2) C: For high current ~3A, S: Ultra high current ~6A
(3) Dimension
(4) Material Code(J, P)
(5) Nominal impedance(310: 31
Ω, 121: 120Ω)
(6) Thickness option(N: Standard, A: Thinner than standard, B: Thicker than standard)
(7) Packaging(C: paper tape, E: embossed tape)
CI
C
05
P
300
N
C
L
W
t
d
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Unit : mm
Ferrite Body
External Electrode
The CIC/CIS Series can be used in high current owing to their low DC resistance.
They can match power lines to a maximum of 6A DC.
Part Numbering
•The smallest beads used for high current.
(CIC: ~3A, CIS: ~6A)
Feature
•Suppression of noise in power line
Application
Dimensions
Operating Temp
Storage Temp
-55~+125
℃
-10~+40
℃


Similar Description - CIC10P080

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
HIGH CURRENT MULTILAYER CHIP BEAD
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
Chip Ferrite Bead for High Current
logo
Abracon Corporation
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com