Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRM0805-FZ-R100ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRM0805-FZ-R100ELF
Description  Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRM0805-FZ-R100ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRM0805-FZ-R100ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRM0805-FZ-R100ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRM0805-FZ-R100ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CRM0805/1206/2010 Chip Resistors
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
90 - 150
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
Pulse Voltage Curve
10000
1000
100
10
1
10
100
1000
RESISTANCE (OHMS)
Test Method: 1.2/50
μs Waveform with 12 Ohm Resistor, 5 Pulses at 12 Second Intervals
10000
100000
CRM0805
CRM1206
CRM2010
Derating Curve
Ambient Temperature (°C)
70
155
100
-55



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com