Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRM1206-FZ-R100ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRM1206-FZ-R100ELF
Description  Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRM1206-FZ-R100ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRM1206-FZ-R100ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRM1206-FZ-R100ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRM1206-FZ-R100ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L
W
T
D
C
Features
■ Thick film technology
■ Power rating of 0.25, 0.5 or 1 watt at 70 °C
■ Strong pulse performance
■ RoHS compliant*
Applications
■ Power supplies
■ Stepper motor drives
CRM0805/1206/2010 Chip Resistors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
Bourns® CRM Series are thick film chip
resistors with high power ratings making
them suitable for different applications in
power supply circuits including current
sensing, current limiting and high pulse
resistance.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Characteristic
Model
Model
Model
CRM0805
CRM1206
CRM2010
Power Rating @ 70 °C
0.25 W
0.5 W
1 W
Operating Temperature Range
-55 °C to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
47 mohms to 910 mohms
551 mV
675 mV
954 mV
1 ohm to 1 megohm
150 V
200 V
200 V
Insulation Resistance
>1000 megohms
Resistance Range
47 mohms to 910 mohms (±1 % and ±5 %, E24 Series)
1 ohm to 1 megohm (±1 %, E96 Series)
0 ohm, 1 ohm to 1 megohm (±5 %, E24 Series)
Resistance Tolerance
±1 %, ±5 %
Temperature Coefficient
47 mohms to 91 mohms
(±1 % and ±5 %, E24 Series)
±200 ppm
±100 ppm (1)
±100 ppm (1)
100 mohms to 910 mohms
(±1 % and ±5 %, E24 Series)
±100 ppm (2)
±100 ppm (2)
±100 ppm
1 ohm to 1 megohm
(±1 %, E96 Series)
±100 ppm (3)
±100 ppm
±100 ppm
0 ohm, 1 ohm to 1 megohm
(±5 %, E24 Series)
±200 ppm
±100 ppm
±100 ppm
Characteristic Data
Test
ΔR Max.
Load Life (1000 hours)
Rated Voltage @ 70 °C
(1.5 hrs. on, 0.5 hrs. off)
1 % Tolerance
< 1 %
5 % Tolerance
< 3 %
Short Term Overload
(5 X Rated Power for 5 sec.)
1 % Tolerance
< 1 %
5 % Tolerance
< 2 %
Thermal Shock
(5 Cycles: -55 °C/30 min.;
+25 °C/2-3 min.; +155 °C/
30 min.; +25 °C/2-3 min.)
1 % Tolerance
< 0.5 %
5 % Tolerance
< 1 %
A
B
SENSING TRACE
Cu TRACE
L
Product Dimensions
Recommended Solder Pad Layout
Model
A
B
L
CRM0805
1.3
1.15
1.2
(0.051)
(0.045)
(0.047)
CRM1206
1.8
1.3
2.1
(0.071)
(0.051)
(0.083)
CRM2010
3.0
1.5
3.8
(0.118)
(0.059)
(0.149)
Model
L
W
C
D
T
CRM0805
2.00 ± 0.15
1.20 ± 0.15
0.40 ± 0.20
0.40 ± 0.20
0.50 ± 0.10
(0.079 ± 0.006) (0.047 ± 0.006) (0.016 ± 0.008) (0.016 ± 0.008) (0.020 ± 0.04)
CRM1206
3.10 ± 0.15
1.60 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
0.55 ± 0.10
(0.122 ± 0.006) (0.063 ± 0.006) (0.020 ± 0.010) (0.020 ± 0.010) (0.022 ± 0.004)
CRM2010
5.00 ± 0.20
2.50 ± 0.20
0.60 ± 0.25
0.60 ± 0.25
0.60 ± 0.10
(0.197 ± 0.008) (0.098 ± 0.008) (0.024 ± 0.010) (0.024 ± 0.010) (0.024 ± 0.004)
Exceptions:
(1) 47 mohms to 91 mohms (-25 °C to +55 °C): ±150 ppm (CRM2010), ±200 ppm (CRM1206)
(2) 100 mohms to 910 mohms (-25 °C to +55 °C): ±150 ppm (CRM0805)
(3) ±1 %, 1 ohm to 9.76 ohms (-55 °C): ±150 ppm (CRM0805)
For Standard Values Used in Capacitors,
Inductors and Resistors, click here.


Similar Part No. - CRM1206-FZ-R100ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRM1206-FZ-R100ELF BOURNS-CRM1206-FZ-R100ELF Datasheet
300Kb / 3P
CRM0805,1206,2010 Chip Resistors
CRM1206-FZ-R100ELF BOURNS-CRM1206-FZ-R100ELF Datasheet
300Kb / 3P
CRM0805/1206/2010 Chip Resistors
More results

Similar Description - CRM1206-FZ-R100ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
Chip Resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
Chip resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
Chip resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com