Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRM1206-FX-R100ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRM1206-FX-R100ELF
Description  Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRM1206-FX-R100ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRM1206-FX-R100ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRM1206-FX-R100ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRM1206-FX-R100ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV. 01/13
How to Order
CRM 2010 - F X - R100 E LF
Model
(CRM = Precision Chip Resistor)
Size
0805 = 0805 Size
1206 = 1206 Size
2010 = 2010 Size
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C)
• W = ±200 PPM/°C
• Z = ±150 PPM/°C
• X = ±100 PPM/°C
Resistance Value
R <1 ohm (1 % or 5 % Tolerance: “R” (decimal point) followed by three significant digits (example: R100 = 0.100 ohm
1% Tolerance:
<100 ohms ....... “R” represents decimal point (example: 24R3 = 24.3 ohms)
≥100 ohms.......First three digits are significant, fourth digit represents number of zeros to follow
(example: 8252 = 82.5K ohms)
5% Tolerance:
<10 ohms ......... “R” represents decimal point (example: 4R7 = 4.7 ohms)
≥10 ohms.........First two digits are significant, third digit represents number of zeros to follow
(example: 474 = 470K ohms)
Packaging
• E = 5000 pieces on 180 mm (7 inch) reel - CRM0805, CRM1206
4000 pieces on 180 mm (7 inch) reel - CRM2010
Termination
• LF = Tin-plated (RoHS Compliant)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CRM0805/1206/2010 Chip Resistors
Packaging Dimensions (Conforms to EIA RS-481A)
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIMENSIONS:
MM
(INCHES)
1.5 +0.1/-0
(.056 + .004/-0)
Maximum 1 mm (.040) thick
* Cumulative over 10 holes: ±0.2 mm
1.75
± 0.1
(.059
± .004)
B
4.0
± 0.1
(.157
± .004)
2.0
± 0.05
(.079
± .002)
A
W
F
P0
Model
A
B
F
W
CRM0805
2.40 ± 0.20
1.65 ± 0.20
3.50 ± 0.05
8.00 ± 0.30
(0.094 ± 0.008)
(0.065 ± 0.008)
(0.138 ± 0.002) (0.315 ± 0.012)
CRM1206
3.57 ± 0.20
2.00 ± 0.20
3.50 ± 0.05
8.00 ± 0.30
(0.141 ± 0.008)
(0.079 ± 0.008)
(0.138 ± 0.002) (0.315 ± 0.012)
CRM2010
5.50 ± 0.20
2.80 ± 0.20
5.50 ± 0.05
12.00 ± 0.30
(0.217 ± 0.008)
(0.110 ± 0.008)
(0.217 ± 0.002) (0.472 ± 0.012)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com