Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF0805-FX-R020ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRF0805-FX-R020ELF
Description  High Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF0805-FX-R020ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRF0805-FX-R020ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF0805-FX-R020ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRF0805-FX-R020ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dim.
CRF0805
CRF1206
CRF2512
0.005 ~ 0.020 Ω
0.001 Ω
0.002 ~ 0.030 Ω 0.001 ~ 0.003 Ω 0.004 ~ 0.050 Ω
A
1.4
(0.055)
1.8
(0.070)
1.8
(0.070)
4.0
(0.157)
4.0
(0.157)
B
1.15
(0.045)
2.3
(0.090)
1.7
(0.066)
3.1
(0.122)
2.1
(0.083)
L
1.2
(0.047)
1.0
(0.039)
1.6
(0.062)
1.3
(0.051)
4.1
(0.161)
Dim.
CRF0805
CRF1206
CRF2512
A
2.0 ± 0.10
(0.079 ± 0.004)
3.20 ± 0.20
(0.126 ± 0.008)
6.40 ± 0.20
(0.252 ± 0.008)
B
1.25 ± 0.10
(0.049 ± 0.004)
1.65 ± 0.20
(0.064 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
C
0.40 ± 0.20
(0.016 ± 0.008)
0.50 ± 0.30
(0.0197 ± 0.012)
0.95 ± 0.30
(0.037 ± 0.012)
T
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CRF Series - High Power Current Sense Chip Resistor
Code
R Value
Code
R Value
R011
0.011
R030
0.030
R012
0.012
R033
0.033
R015
0.015
R035
0.035
R018
0.018
R040
0.040
R020
0.020
R050
0.050
R025
0.025
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Derating Curve
Ambient Temperature (°C)
70
170
100
-55
A
B
CC
Recommended Solder Pad Layout
A
B
SENSING TRACE
Cu TRACE
L
Resistance Value Tables
CC
T
Code
R Value
Code
R Value
R005
0.005
R010
0.010
R009
0.009
R020
0.020
Code
R Value
Code
R Value
R001
0.001
R010
0.010
R002
0.002
R012
0.012
R004
0.004
R014
0.014
R005
0.005
R015
0.015
R006
0.006
R020
0.020
R007
0.007
R022
0.022
R008
0.008
R025
0.025
R009
0.009
R030
0.030
CRF0805
CRF1206
CRF2512 (1W)
Code
R Value
Code
R Value
R001
0.001
R006
0.006
R002
0.002
R007
0.007
R003
0.003
R008
0.008
R004
0.004
R010
0.010
R005
0.005
CRF2512 (2W)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com