Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF2512-FZ-R020ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRF2512-FZ-R020ELF
Description  High Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF2512-FZ-R020ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRF2512-FZ-R020ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF2512-FZ-R020ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRF2512-FZ-R020ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRF Series - High Power Current Sense Chip Resistor
D0 DIA.
1.5
(0.059)
DIA. MIN.
t
A
P1
P2
P0
B
E
F
W
TOP TAPE
EMBOSSED TAPE
RESISTOR
USER DIRECTION OF FEED
How to Order
CRF 0805 - F X - R020 E LF
Model
(CRF = Precision Chip Resistor)
Size
0805 = 0805 Size
1206 = 1206 Size
2512 = 2512 Size
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C)
• Z = ± 75 PPM/°C
(>0.010 ohm)
• X = ±100 PPM/°C
(0.002 ohm ~ 0.010 ohm
& Model CRF0805 only)
• V = ±275 PPM/°C
(0.001 ohm)
Resistance Value
“R” (decimal point) followed by three significant digits
(example: R020 = 0.020 ohm)
Packaging
• E = 5,000 pcs./180 mm (7-inch) reel (CRF0805 & CRF1206)
or 4,000 pcs./180 mm (7-inch) reel (CRF2512)
Termination
• LF = Tin-plated (RoHS compliant)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Packaging Dimensions (Conforms to EIA RS-481A)
REV. 09/13
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIMENSIONS:
MM
(INCHES)
Packing
Model
A
B
W
F
E
P1
P2
P0
D0
t
Paper
Tape
CRF0805
1.6 ± 0.15
(0.063 ± 0.006)
2.4 ± 0.20
(0.094 ± 0.008)
8.0 ± 0.20
(0.315 ± 0.008)
3.5 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
4.0 ± 0.10
(0.157 ± 0.004)
2.0 ± 0.1
(0.079 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
1.5+0.1/-0
(0.059+0.004/-0)
0.84 ± 0.10
(0.033 ± 0.004)
Paper
Tape
CRF1206
2.0 ± 0.15
(0.079 ± 0.006)
3.6 ± 0.20
(0.142 ± 0.008)
8.0 ± 0.20
(0.315 ± 0.008)
3.5 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
4.0 ± 0.10
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
4.0 ± 0.05
(0.157 ± 0.002)
1.5+0.1/-0
(0.059+0.004/-0)
0.85 ± 0.15
(0.033 ± 0.006)
Embossed
Tape
CRF2512
3.60 ± 0.20
(0.142 ± 0.008)
6.9 ± 0.20
(0.272 ± 0.008)
12.0 ± 0.20
(0.472 ± 0.008)
5.5 ± 0.05
(0.217 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
4.0 ± 0.10
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
2.0 ± 0.05
(0.079 ± 0.002)
1.5+0.1/-0
(0.059+0.004/-0)
0.85 ± 0.15
(0.033 ± 0.006)
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
90 - 150
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com