Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R020ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRA2512-FZ-R020ELF
Description  High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRA2512-FZ-R020ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRA2512-FZ-R020ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRA2512-FZ-R020ELF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to Order
CRA 2512 - F Z - R020 E LF
Model
(CRA = Precision Chip Resistor
Size
2010 = 2010 Size
2512 = 2512 Size
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C)
• Z = ±75 PPM/°C
Resistance Value
“R” (decimal point) followed by three significant digits (example: R025 = 0.025 ohm)
Packaging
• E = 4000 pieces on 180 mm (7 inch) reel
Termination
• LF = Tin-plated (RoHS compliant)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
Packaging Dimensions (Conforms to EIA RS-481A)
CRA2010 Resistance Values Available
REV. 12/13
3.60 ± 0.20
(0.142 ± 0.008)
2.0 ± 0.05
(0.079 ± 0.002)
4.0 ± 0.05
(0.157 ± 0.002)
4.0 ± 0.1
(0.157 ± 0.004)
1.5 +0.1/-0
(0.059 +0.004/-0)
DIA.
1.5
(0.059)
DIA. MIN.
1.2 ± 0.15
(0.047 ± 0.006)
6.9 ± 0.2
(0.272 ± 0.008)
5.5 ± 0.05
(0.217 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
12.0 ± 0.2
(0.472 ± 0.008)
TOP TAPE
EMBOSSED TAPE
RESISTOR
USER DIRECTION OF FEED
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
Code
R Value
Code
R Value
R005
0.005
R015
0.015
R010
0.010
R020
0.020
CRA2512 Resistance Values Available
Code
R Value
Code
R Value
R010
0.010
R050
0.050
R015
0.015
R060
0.060
R020
0.020
R070
0.070
R025
0.025
R075
0.075
R030
0.030
R080
0.080
R040
0.040
R100
0.100
Consult factory for other resistance values.
DIMENSIONS:
MM
(INCHES)
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
90 - 150
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
Soldering Profile
Ambient Temperature (°C)
70
170
100
-55
Derating Curve
Applications
Power supplies
Stepper motor drives



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com