Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRL2512-FU-R090ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRL2512-FU-R090ELF
Description  Low Value Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRL2512-FU-R090ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRL2512-FU-R090ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRL2512-FU-R090ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRL2512-FU-R090ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ RoHS compliant*
■ Values from 0.02 to 9.10 ohms
■ Tolerance of 1 % or 5 %
■ Five package sizes available
■ Tape and reel packaging
CRL Series - Low Value Chip Resistors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Environmental Characteristics
Description
Method
Limit
Short Time Overload
2.5 x (PR)1/2 for 5 seconds.
1 % Tolerance:
ΔR ≤ ±(1 % + 0.001 Ω)
(IEC 115-1 4.13)
5 % Tolerance:
ΔR ≤ ±(2 % + 0.001 Ω)
Load Life
(PR)1/2 for 1000 hours; 1.5 hours on; 0.5 hours off.
1 % Tolerance:
ΔR ≤ ±(1 % + 0.001 Ω)
(IEC 115-1 4.25.1)
5 % Tolerance:
ΔR ≤ ±(2 % + 0.001 Ω)
Resistance to
260 °C for 10 seconds.
1 % Tolerance:
ΔR ≤ ±(0.5 % + 0.001 Ω)
Soldering Heat
(IEC 115-1 4.18)
5 % Tolerance:
ΔR ≤ ±(1 % + 0.001 Ω)
Thermal Shock
5 cycles from -55 °C to +125 °C, 30 minutes at temperature.
1 % Tolerance:
ΔR ≤ ±(0.5 % + 0.001 Ω)
(IEC 115-1 4.19)
5 % Tolerance:
ΔR ≤ ±(1 % + 0.001 Ω)
Value Table
Value
(
Ω)
CRL0603
1 %
CRL0603
5 %
CRL0805
1 %
CRL0805
5 %
CRL1206
1 %
CRL1206
5 %
CRL2010
1 %
CRL2010
5 %
CRL2512
1 %
CRL2512
5 %
0.02
Not Available
Not Available
Not Available
Not Available
A
A
P
P
P
P
0.03
Not Available
Not Available
Not Available
Not Available
A
A
P
P
P
P
0.04
Not Available
Not Available
Not Available
Not Available
A
A
P
P
P
P
0.05
Not Available
Not Available
A
A
A
A
P
P
P
P
0.06
Not Available
Not Available
A
A
A
A
A
A
A
A
0.07
Not Available
Not Available
A
A
A
A
A
A
A
A
0.08
Not Available
Not Available
A
A
A
A
A
A
A
A
0.09
Not Available
Not Available
A
A
A
A
A
A
A
A
P = Popular Value
A = Available Value (may have greater minimum order quantity)
Characteristic
Model CRL0603
Model CRL0805
Model CRL1206
Model CRL2010
Model CRL2512
Power Rating @ 70 °C
0.100 watt
0.125 watt
0.250 watt
0.50 watt
1.00 watt
Operating Temperature Range
-55 to +125 °C
Derated to Zero Load at
+125 °C
Maximum Working Voltage
(PR)1/2
(PR)1/2
(PR)1/2
(PR)1/2
(PR)1/2
Resistance Range
E24 Values:
See Value Table:
0.10 to 9.10
Ω
N/A
0.10 to 9.10
Ω
0.05 to 0.09
Ω
0.10 to 9.10
Ω
0.02 to 0.09
Ω
0.10 to 9.10
Ω
0.02 to 0.09
Ω
0.10 to 9.10
Ω
0.02 to 0.09
Ω
Temperature Coefficient
0.05
Ω to 9.10 Ω
0.03
Ω to 0.04 Ω
0.01
Ω to 0.02 Ω
±200 PPM/°C
±400 PPM/°C
±600 PPM/°C


Similar Part No. - CRL2512-FU-R090ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRL2512-FU-R090ELF BOURNS-CRL2512-FU-R090ELF Datasheet
215Kb / 3P
CRL Series - Low Value Chip Resistors
More results

Similar Description - CRL2512-FU-R090ELF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
LRF3W-R10JW ETC2-LRF3W-R10JW Datasheet
501Kb / 4P
Low Value 3W Chip Resistors
logo
TT Electronics.
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
LOW Value 3W Chip Resistors
logo
Bourns Electronic Solut...
CRL BOURNS-CRL Datasheet
225Kb / 3P
Low Value Chip Resistors
logo
TT Electronics.
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com