Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRL2512-JU-R090ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRL2512-JU-R090ELF
Description  Low Value Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRL2512-JU-R090ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRL2512-JU-R090ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRL2512-JU-R090ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRL2512-JU-R090ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CRL Series - Low Value Chip Resistors
Chip Dimensions
Dimension
Model
Model
Model
Model
Model
CRL0603
CRL0805
CRL1206
CRL2010
CRL2512
L
1.60 ± 0.10
2.00 ± 0.15
3.20 ± 0.15
5.00 ± 0.20
6.30 ± 0.20
(0.063 ± 0.004)
(0.079 ± 0.006)
(0.126 ± 0.006)
(0.197 ± 0.008)
(0.248 ± 0.008)
W
0.80 ± 0.10
1.25 ± 0.10
1.60 ± 0.15
2.50 ± 0.20
3.10 ± 0.20
(0.031 ± 0.004)
(0.049 ± 0.004)
(0.063 ± 0.006)
(0.098 ± 0.008)
(0.122 ± 0.008)
H
0.45 ± 0.10
0.50 ± 0.10
0.60 ± 0.10
0.60 ± 0.10
0.60 ± 0.10
(0.018 ± 0.004)
(0.020 ± 0.004)
(0.024 ± 0.004)
(0.024 ± 0.004)
(0.024 ± 0.004)
I1
0.30 ± 0.20
0.40 ± 0.20
0.50 ± 0.25
0.60 ± 0.25
0.60 ± 0.25
(0.012 ± 0.008)
(0.016 ± 0.008)
(0.020 ± 0.010)
(0.024 ± 0.010)
(0.024 ± 0.010)
I2
0.30 ± 0.20
0.40 ± 0.20
0.50 ± 0.25
0.60 ± 0.25
0.60 ± 0.20
(0.012 ± 0.008)
(0.016 ± 0.008)
(0.020 ± 0.010)
(0.024 ± 0.010)
(0.024 ± 0.008)
Dimensional Drawing
L
H
I
2
I
2
W
I
1
I
1
DIMENSIONS:
MM
(INCHES)
Derating Curve
100
80
60
40
20
0
-55
0
70
125
(°C) Ambient temperature
How to Order
CRL 0603 - F W - R090 E LF
Model
(CRL = Chip Resistor Low Value)
Size
• 0603
• 0805
• 1206
• 2010
• 2512
Resistance Tolerance
F = ±1 %
J = ±5 %
TCR (PPM/°C)
W = ±200 (0.05 to 9.10
Ω)
V = ±400 (0.03 to 0.04
Ω)
U = ±600 (0.01
Ω to 0.02 Ω)
Resistance Value (1 % or 5 %)
• R stands for decimal point. Three significant digits: (R090 = 0.09
Ω; 9R10 = 9.10 Ω)
Packaging
• CRL0603, CRL0805, CRL1206: E = Paper Tape, Plastic Reel, 5,000 pcs.
• CRL2010, CRL2512: E = Embossed Plastic Tape, Plastic Reel, 4,000 pcs.
Termination
LF = Tin-plated (RoHS compliant)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com