Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8468-21B1-RK-TP Datasheet(PDF) 1 Page - 3M Electronics

Part # 8468-21B1-RK-TP
Description  3M??Chip Carrier Sockets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8468-21B1-RK-TP Datasheet(HTML) 1 Page - 3M Electronics

  8468-21B1-RK-TP Datasheet HTML 1Page - 3M Electronics 8468-21B1-RK-TP Datasheet HTML 2Page - 3M Electronics 8468-21B1-RK-TP Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Chip Carrier Sockets
Surfacemount
8400 Series
• Accepts chip carriers conforming to JEDEC outline
MO-047 for square and MO-052 for rectangular
• High temperature insulator compatible with IR reflow
and wave soldering
• Compatible with automated loading equipment
• Open top design allows unrestricted air flow
• Molded slots for ease of device extraction
• Available with optional PCB locating posts
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS Compliance" section
of www.3Mconnector.com for compliance
information (RIA E1 and C1 apply)
Date Modified: September 14, 2011
TS-2147-B
Sheet 1 of 2
Physical
Insulation
Material: Glass Filled Polyphenylene Sulfide (PPS)
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 50 µ" [ 1.27 µm ] Nickel - Overall
Wiping Area: 160 µ", [ 4.06 µm ] Matte Tin
Electrical
Contact Resistance: 15 mΩ
Insulation Resistance: >103 MΩ minimum
Capacitance: <1 pF at 1 MHz
Environmental
Temperature Rating: -40ºC to +105ºC
Process Rating: Maximum 260°C, single pass, (profile per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)
Notice:
Please be aware that the 3M PLCC products are tin plated on the contact wiping surface. This is necessary to ensure mated reliability since standard PLCC contacts are also tin plated. Since tin
whiskers are an inherent characteristic of tin and mechanically stressing the tin is a known driver of whisker growth, it is possible the PLCC and PLCC socket may exhibit tin whisker growth after
mating. 3M follows the iNEMI plating recommendations which include whisker mitigating tin plating chemistry to reduce the likelihood of tin whisker growth. Please consider whether a PLCC
socket is suitable for your particular needs after considering your product applications life span and environment including mechanical stresses, humidity, and thermal cycling all of which have
been shown to stimulate tin whisker growth.


Similar Part No. - 8468-21B1-RK-TP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8468-21B1-RK-TP 3M-8468-21B1-RK-TP Datasheet
812Kb / 3P
3M™ Chip Carrier Sockets
14-Sep-2011
More results

Similar Description - 8468-21B1-RK-TP

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
612-93-108-12-051-001 PREDIP-612-93-108-12-051-001 Datasheet
53Kb / 1P
Pin grid array sockets Carrier types
logo
Assmann Electronics Inc...
A-CCSXX-X-XXX-R ASSMANN-A-CCSXX-X-XXX-R Datasheet
146Kb / 1P
CHIP-CARRIER-SOCKETS,SMD
logo
3M Electronics
8420-21A1-RK-TP 3M-8420-21A1-RK-TP Datasheet
812Kb / 3P
3M™ Chip Carrier Sockets
14-Sep-2011
logo
Samtec, Inc
PLCC-020-T-N SAMTEC-PLCC-020-T-N Datasheet
372Kb / 1P
SMT DIP CHIP CARRIER SOCKETS
ICF-308-S-O SAMTEC-ICF-308-S-O Datasheet
440Kb / 1P
SMT DIP CHIP CARRIER SOCKETS
logo
Assmann Electronics Inc...
A-CCS-020-Z-SM ASSMANN-A-CCS-020-Z-SM Datasheet
248Kb / 1P
Chip Carrier sockets, SMT
A-CCS-028-Z-SM ASSMANN-A-CCS-028-Z-SM Datasheet
248Kb / 1P
Chip Carrier sockets, SMT
A-CCS-052-Z-SM ASSMANN-A-CCS-052-Z-SM Datasheet
248Kb / 1P
Chip Carrier sockets, SMT
A-CCS-084-Z-SM ASSMANN-A-CCS-084-Z-SM Datasheet
248Kb / 1P
Chip Carrier sockets, SMT
logo
Samtec, Inc
ICF-624-S-O SAMTEC-ICF-624-S-O Datasheet
1Mb / 1P
SMT DIP & CHIP CARRIER SOCKETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com