Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6003-2AC Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT6003-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6003-2AC Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT6003-2AC Datasheet HTML 12Page - ATMEL Corporation AT6003-2AC Datasheet HTML 13Page - ATMEL Corporation AT6003-2AC Datasheet HTML 14Page - ATMEL Corporation AT6003-2AC Datasheet HTML 15Page - ATMEL Corporation AT6003-2AC Datasheet HTML 16Page - ATMEL Corporation AT6003-2AC Datasheet HTML 17Page - ATMEL Corporation AT6003-2AC Datasheet HTML 18Page - ATMEL Corporation AT6003-2AC Datasheet HTML 19Page - ATMEL Corporation AT6003-2AC Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AT6000(LV) Series
16
Notes:
1. PWR = Pins connected to power plane = F1, E4/E5, L2, R4, K15, L12, E14, A12.
2. GND = Pins connected to ground plane = L4, M4, N9, N10, E12, D12, C7, C6.
3. 85 = Pin 85 on AT6005.
4. 85 = Pin 85 on AT6003 and AT6010.
I/O57(B)
I/O71(B)
I/O64(A)
I/O123(A)
-
-
105
96
G13
137
157
-
-
-
I/O122(B)
-
-
-
-
-
138
158
I/O56(A)
I/O70(A)
I/O63(A)
I/O121(A)
69
68
106
97
F13
139
159
I/O55(B)
I/O69(B)
I/O62(A)
I/O120(A)
-
69
107
98
E13
140
160
-
-
-
I/O119(A)
-
-
-
-
D13
141
161
-
-
-
I/O118(B)
-
-
-
-
-
-
162
I/O54(A)
I/O68(A)
I/O61(A)
I/O117(A)
70
70
108
99
C13
142
163
-
I/O67(B)
I/O60(A)
I/O116(A)
-
-
109
100
G14
143
164
-
-
-
I/O115(A)
-
-
-
-
F14
144
165
GND
GND
GND
GND
-
-
110
101
GND
(2)
145
166
-
-
-
VSS
--
--
GND
(2)
146
167
-
-
-
I/O114(B)
-
-
-
-
-
-
168
I/O53(A)
I/O66(A)
I/O59(A)
I/O113(A)
71
71
111
102
D14
147
169
I/O52(B)
I/O65(B)
I/O58(A)
I/O112(A)
-
72
112
103
C14
148
170
-
-
-
I/O111(A)
-
-
-
-
B14
149
171
-
-
-
I/O110(B)
-
-
-
-
-
-
172
I/O51(A)
I/O64(A)
I/O57(A)
I/O109(A)
72
73
113
104
G15
150
173
I/O50(B)
I/O63(A)
I/O56(A)
I/O108(A)
-
-
114
105
F15
151
174
-
-
-
I/O107(A)
-
-
-
-
E15
152
175
-
-
-
I/O106(B)
-
-
-
-
-
-
176
-
I/O62(B)
-
I/O105(A)
-
-
-
106
D15
153
177
I/O49(A)
I/O61(A)
I/O55(A)
I/O104(A)
73
74
115
107
C15
154
178‘
-
-
-
I/O103(A)
-
-
-
-
B15
155
179
M2
M2
M2
M2
74
75
116
108
A15
156
180
Pinout Assignment (Continued)
Right Side (Bottom to Top)
AT6002
AT6003
AT6005
AT6010
84
PLCC
100
VQFP
132
PQFP
144
TQFP
180
CPGA
208
PQFP
240
PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com