Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD-24PI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C55WD-24PI
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD-24PI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C55WD-24PI Datasheet HTML 17Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 18Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 19Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 20Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 21Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 22Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 23Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 24Page - ATMEL Corporation AT89C55WD-24PI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
AT89C55WD
1921B–MICRO–09/02
Program
Memory Lock
Bits
The AT89C55WD has three lock bits that can be left unprogrammed (U) or can be pro-
grammed (P) to obtain the additional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched during
reset. If the device is powered up without a reset, the latch initializes to a random value and
holds that value until reset is activated. The latched value of EA must agree with the current
logic level at that pin in order for the device to function properly.
Programming
the Flash
The AT89C55WD is shipped with the on-chip Flash memory array ready to be programmed.
The programming interface needs a high-voltage (12-volt) program enable signal and is com-
patible with conventional third-party Flash or EPROM programmers.
The AT89C55WD code memory array is programmed byte-by-byte.
Programming Algorithm: Before programming the AT89C55WD, the address, data, and
control signals should be set up according to the Flash programming mode table and Figures
13 and 14. To program the AT89C55WD, take the following steps:
1.
Input the desired memory location on the address lines.
2.
Input the appropriate data byte on the data lines.
3.
Activate the correct combination of control signals.
4.
Raise EA/V
PP to 12V.
5.
Pulse ALE/PROG oncetoprogram a byteinthe Flasharray or thelock bits. Thebyte-
write cycle is self-timed and typically takes no more than 50 µs. Repeat steps 1
through 5, changing the address and data for the entire array or until the end of the
object file is reached.
Chip Erase Sequence: Before the AT89C55WD can be reprogrammed, a Chip Erase opera-
tion needs to be performed. To erase the contents of the AT89C55WD, follow this sequence:
1.
Raise V
CC to 6.5V.
2.
Pulse ALE/PROG once (duration of 200 - 500 ns).
3.
Wait for 150 ms.
4.
Power VCC down and up to 6.5V.
5.
Pulse ALE/PROG once (duration of 200 - 500 ns).
6.
Wait for 150 ms.
7.
Power V
CC down and up to 6.5V.
Data Polling: The AT89C55WD features Data Polling to indicate the end of a write cycle. Dur-
ing a write cycle, an attempted read of the last byte written will result in the complement of the
written data on P0.7. Once the write cycle has been completed, true data is valid on all out-
Table 9. Lock Bit Protection Modes
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No program lock features.
2P
U
U
MOVC instructions executed from external program memory are
disabled from fetching code bytes from internal memory, EA is
sampled and latched on reset, and further programming of the Flash
memory is disabled.
3
P
P
U
Same as mode 2, but verify is also disabled.
4
P
P
P
Same as mode 3, but external execution is also disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com