Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-263 Datasheet(PDF) 2 Page - Semtech Corporation

Part # TO-263
Description  3 Amp Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TO-263 Datasheet(HTML) 2 Page - Semtech Corporation

  TO-263 Datasheet HTML 1Page - Semtech Corporation TO-263 Datasheet HTML 2Page - Semtech Corporation TO-263 Datasheet HTML 3Page - Semtech Corporation TO-263 Datasheet HTML 4Page - Semtech Corporation TO-263 Datasheet HTML 5Page - Semtech Corporation TO-263 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
 2006 Semtech Corp.
www.semtech.com
EZ1085
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
7V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0
2
2
-
O
T
3
6
2
-
O
T
θ
C
J
3
3
W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0
2
2
-
O
T
3
6
2
-
O
T
θ
A
J
0
5
0
6
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
C
5
8
0
1
Z
E
I
5
8
0
1
Z
E
T
A
0
7
o
t
0
5
8
o
t
0
4
-
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
C
5
8
0
1
Z
E
I
5
8
0
1
Z
E
T
J
5
2
1
o
t
0
5
2
1
o
t
0
4
-
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
SV
N
I
I
O
n
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
O
V
5A
m
0V
l
5
8
9
.
0
OlVO
V
l
5
1
0
.
1
OlV
X
.
X
-
C
5
8
0
1
Z
E
V
l
8
9
.
0
OlV
l
2
0
.
1
Ol
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
1
(
V
F
E
R
V
5A
m
0
11
3
2
.
10
5
2
.
19
6
2
.
1V
I
5
8
0
1
Z
E
,
C
5
8
0
1
Z
E
5
2
2
.
15
7
2
.
1
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
1
(
V
E
R
V
5A
m
0
13
3
2
.
10
5
2
.
17
6
2
.
1V
n
o
it
a
l
u
g
e
R
e
n
i
L
)
1
(
G
E
R
)
E
N
I
L
(
A
m
0
15
4
0
.
0
2
.
0
%
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
V
55
1
.
0
4
.
0
%
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
2
(
)
1
(
X
.
X
-
C
5
8
0
1
Z
E
,
C
5
8
0
1
Z
EV
D
A
30
2
.
1
5
3
.
1
V
I
5
8
0
1
Z
E
0
2
.
1
0
4
.
1
ti
m
i
L
t
n
e
r
r
u
CI
L
C
0
.
3
5
.
4A
Unless otherwise specified: Adj. V
IN = 2.75V to 7.0V and Adj. IO = 10mA to 3A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 3A.
Values in bold apply over full operating ambient temperature range.
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com