Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA02487S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA02487S
Description  140 MHz SAW Filter 10 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA02487S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA02487S Datasheet HTML 1Page - API Technologies Corp SF0140BA02487S Datasheet HTML 2Page - API Technologies Corp SF0140BA02487S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
10 MHz Bandwidth
Part Number: SF0140BA02487S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA02487S Rev A
8-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
139.8
140
140.2
MHz
Insertion Loss
-
22.4
25
dB
1 dB Bandwidth
9.6
11.5
-
MHz
3 dB Bandwidth
10.5
11.9
-
MHz
35 dB Bandwidth
-
13.4
15
MHz
Passband Ripple
2
-
0.5
1
dB
Phase Deviation from Linear
2
-
3
6
deg
Group Delay Variation
2
-
45
100
ns
Absolute Delay
-
1.94
-
us
Ultimate Rejection (0.5*Fc to 1.5*Fc)
50
54
-
dB
Substrate Material
YZ Lithium Niobate
Temperature Coefficient of Frequency (Tc)
3
-
-94
-
ppm/°C
Ambient Temperature (Tref)
-
25
-
°C
Source and Load Impedance
-
50
-
Ω
Notes: 1. Average of lower & upper 3 dB frequencies.
2. Evaluated over 80% of the 3 dB bandwidth.
3. Typical change of filter frequency response with temperature is ∆f = (T-Tref)*Tc*Fc in ppm or Hz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
+85
˚C
Operating Temperature Range
-10
+60
˚C
Input Power Level
-
+15
dBm
DC Voltage Between Each Terminal
-
15
V
MATCHING CIRCUIT
Note: Matching components are not required.
Input 50 Ω
Single- Ended
Output 50 Ω
Single Ended
10
5
1
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com