Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1580BRTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1580BRTZ-R2
Description  1.2 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1580BRTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD1580BRTZ-R2 Datasheet HTML 1Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 2Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 3Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.2 V Micropower, Precision
Shunt Voltage Reference
AD1580
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003-2011 Analog Devices, Inc. All rights reserved.
FEATURES
Wide operating range: 50 µA to 10 mA
Initial accuracy: ±0.1% maximum
Temperature drift: ±50 ppm/°C maximum
Output impedance: 0.5 Ω maximum
Wideband noise (10 Hz to 10 kHz): 20 µV rms
Operating temperature range: −40°C to +85°C
High ESD rating
4 kV human body model
400 V machine model
Compact, surface-mount SOT-23 and SC70 packages
APPLICATIONS
Portable, battery-powered equipment
Cellular phones, notebook computers, PDAs, GPSs,
and DMMs
Computer workstations
Suitable for use with a wide range of video RAMDACs
Smart industrial transmitters
PCMCIA cards
Automotive
3 V/5 V, 8-bit to 12-bit data converters
GENERAL DESCRIPTION
The AD15801
The superior accuracy and stability of the AD1580 is made
possible by the precise matching and thermal tracking of
on-chip components. Proprietary curvature correction
design techniques have been used to minimize the nonli-
nearities in the voltage output temperature characteristics.
The AD1580 is stable with any value of capacitive load.
is a low cost, 2-terminal (shunt), precision band
gap reference. It provides an accurate 1.225 V output for input
currents between 50 μA and 10 mA.
The low minimum operating current makes the AD1580
ideal for use in battery-powered 3 V or 5 V systems. However,
the wide operating current range means that the AD1580 is
extremely versatile and suitable for use in a wide variety of
high current applications.
The AD1580 is available in two grades, A and B, both of which
are provided in the SOT-23 and SC70 packages, the smallest
surface-mount packages available. Both grades are specified
over the industrial temperature range of −40°C to +85°C.
1
Protected by U.S. Patent No. 5,969,657.
PIN CONFIGURATIONS
NC = NO CONNECT
TOP VIEW
V+
1
V–
2
NC (OR V–)
3
AD1580
NC = NO CONNECT
TOP VIEW
V–
1
V+
2
NC (OR V–)
3
AD1580
Figure 1. SOT-23
Figure 2. SC70
50
0
45
40
35
30
25
20
15
10
5
TEMPERATURE DRIFT (ppm/°C)
–40
–30
–20
–10
0
10
20
30
40
Figure 3. Reverse Voltage Temperature Drift Distribution
OUTPUT ERROR (mV)
300
0
250
200
150
100
50
–10
–8
–6
–4
–2
0
2
4
6
8
10
Figure 4. Reverse Voltage Error Distribution


Similar Part No. - AD1580BRTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1580BRTZ-R2 AD-AD1580BRTZ-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision
Rev. F
AD1580BRTZ-R2 AD-AD1580BRTZ-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRTZ-R2 AD-AD1580BRTZ-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRTZ-R2 AD-AD1580BRTZ-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
More results

Similar Description - AD1580BRTZ-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Analog Devices
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Analog Devices
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com