Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140BA02457S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140BA02457S
Description  140 MHz SAW Filter 2.2 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA02457S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140BA02457S Datasheet HTML 1Page - API Technologies Corp SF0140BA02457S Datasheet HTML 2Page - API Technologies Corp SF0140BA02457S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140 MHz SAW Filter
2.2 MHz Bandwidth
Part Number: SF0140BA02457S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA02457S Rev A
22-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
139.70
140.00
140.30
MHz
Insertion Loss at Fc
10
12
13
dB
1 dB Bandwidth
2
2.20
2.28
-
MHz
3 dB Bandwidth
2
2.30
2.73
-
MHz
40 dB Bandwidth
2
-
4.30
4.50
MHz
Ultimate Rejection (70 to 210 MHz)
2
40
45
-
dB
Passband Ripple (Fc+/-1 MHz)
-
0.6
1.0
dB p-p
Phase Ripple (Fc+/-1 MHz)
-
2.5
5
deg p-p
Group Delay Ripple (Fc+/-0.8 MHz)
50
300
ns/div
Temperature Coefficient of Frequency
-
-23
-
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
5
50
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values are for reference only and may change depending on board layout.
Ls1
=
52
nH
Ls2
=
59.3
nH
Cp1 =
39
pF
Cp2
=
41
pF
11
5
All others
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com